Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM9000
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000 Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM9000_09 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
4
Version: DM9000-DS-F03
April 23, 2009
■
Supports processor interface: byte/word/dword of
I/O command to internal memory data operation
■
Integrated 10/100M transceiver
■
Supports MII and reverses MII interface
■
Supports back pressure mode for half-duplex
mode flow control
■
IEEE802.3x flow control for full-duplex mode
■
Supports wakeup frame, link status change and
magic packet events for remote wake up
■
Integrated 4K dword SRAM
■
Supports automatically load vendor ID and
product ID from EEPROM
■
Supports 4 GPIO pins
■
Optional EEPROM configuration
■
Very low power consumption mode:
–
Power reduced mode (cable detection)
–
Power down mode
–
Selectable TX drivers for 1:1 or 1.25:1
transformers for additional power reduction.
■
Compatible with 3.3V and 5.0V tolerant I/O
■
100-pin LQFP with CMOS process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com