Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 43 Page - Davicom Semiconductor, Inc.

Part # DM9000
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000 Datasheet(HTML) 43 Page - Davicom Semiconductor, Inc.

Back Button DM9000_09 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 47Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
43
Version: DM9000-DS-F03
April 23, 2009
11. Application Notes
11.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9000 RXI± and TXO± pins. Traces routed from
RXI± and TXO± to the transformer should run in close pairs
directly to the transformer. The designer should be careful
not to cross the transmit and receive pairs. As always, vias
should be avoided as much as possible. The network
interface should be void of any signals other than the TXO±
and RXI± pairs between the RJ-45 to the transformer and
the transformer to the DM9000.. There should be no
power or ground planes in the area under the network side
of the transformer to include the area under the RJ-45
connector. (Refer to Figure 4 and 5) Keep chassis ground
away from all active signals. The RJ-45 connector and any
unused pins should be tied to chassis ground through a
resistor divider network and a 2KV bypass capacitor.
The Band Gap resistor should be placed as physically close
as pins 25 and 26 as possible (refer to Figure 1 and 2).
The designer should not run any high-speed signal near the
Band Gap resistor placement.
11.2 10Base-T/100Base-TX Application
DM9000
RXI+
RXI-
TX0+
TX0-
BGGND
BGRES
Transformer
RJ45
3
6
8
1
4
5
2
7
1:1
1:1
75
Ω
1%
75
Ω
1%
75
Ω
1%
75Ω
1%
3.3V AVCC
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF/2KV
Chasis GND
6.8KΩ, 1%
50Ω
1%
50Ω
1%
50
Ω
1%
50
Ω
1%
3.3V AVDD
AGND
AGND
AGND
AGND
29
30
33
34
26
25
AGND
Figure 11-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com