Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9000
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000 Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9000_09 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
23
Version: DM9000-DS-F03
April 23, 2009
8.1 Basic Mode Control Register (BMCR) - 00
Bit
Bit Name
Default
Description
0.15
Reset
0, RW/SC
Reset
1=Software reset
0=Normal operation
This bit sets the status and controls the PHY registers to their default
states. This bit, which is self-clearing, will keep returning a value of
one until the reset process is completed
0.14
Loopback
0, RW
Loopback
Loop-back control register
1 = Loop-back enabled
0 = Normal operation
In 100Mbps operation mode, setting this bit may cause the
descrambler to lose synchronization and produce a 720ms "dead
time" before any valid data appears at the MII receive outputs
0.13
Speed selection
1, RW
Speed Select
1 = 100Mbps
0 = 10Mbps
Link speed may be selected either by this bit or by auto-negotiation.
When auto-negotiation is enabled and bit 12 is set, this bit will return
to the auto-negotiation selected media type
0.12
Auto-negotiatio
n enable
1, RW
Auto-negotiation Enable
1 = Auto-negotiation is enabled, bit 8 and 13 will be in
auto-negotiation status
0.11
Power down
0, RW
Power Down
While in the power-down state, the PHY should respond to the
management transactions. During the transition to power-down state
and while in the power-down state, the PHY should not generate
spurious signals on the MII
1=Power down
0=Normal operation
0.10
Isolate
0,RW
Isolate
1 = Isolates the PHY from the MII with the exception of the serial
management. (When this bit is asserted, the PHY does not respond
to the TXD [0:3], TX_EN, and TX_ER inputs, and it shall present a
high impedance on its TX_CLK, RX_CLK, RX_DV, RX_ER,
RXD[0:3], COL and CRS outputs. When PHY is isolated from the MII
it shall respond to the management transactions)
0 = Normal operation
0.9
Restart
auto-negotiation
0,RW/SC
Restart Auto-negotiation
1 = Restart auto-negotiation. Re-initiates the auto-negotiation
process. When auto-negotiation is disabled (bit 12 of this register
cleared), this bit has no function and it should be cleared. This bit is
self-clearing and it will keep returning a value of 1 until
auto-negotiation is initiated by the PHY. The operation of the
auto-negotiation process will not be affected by the management
entity that clears this bit
0 = Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com