Electronic Components Datasheet Search
  English  ▼

X  

DM9000 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9000
Description  ISA to Ethernet MAC Controller with Integrated 10/100 PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9000_09 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9000_09 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
28
Version: DM9000-DS-F03
April 23, 2009
NP_ABLE = 1: next page available
NP_ABLE = 0: no next page
6.1
PAGE_RX
0, RO/LH
New Page Received
A new link of code-word page received. This bit will be
automatically cleared when the register (register 6) is read by
management
6.0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports
Auto-negotiation
8.8 DAVICOM Specified Configuration Register (DSCR) - 16
Bit
Bit Name
Default
Description
16.15
BP_4B5B
0, RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5ccccccccB and 5B4B operation
16.14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
16.13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions
(symbol encoder and scrambler) bypassed
0 = Normal operation
16.12
BP_ADPOK
0, RW
Bypass ADPOK
16.11
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.10
TX
1, RO
100BASE-TX
1 = 100BASE-TX operation
0 = Reserved
16.9
RESERVED
0, RO
Reserved
16.8
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps
0 = Normal 100Mbps operation
1 = Force 100Mbps good link status
This bit is useful for diagnostic purposes
16.6
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.5
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.4
RPDCTR-EN
1, RW
Reduced Power Down Control Enable
This bit is used to enable automatic reduced power down
0: Disable automatic reduced power down
1: Enable automatic reduced power down
16.3
SMRST
0, RW
Reset State Machine
When writes 1 to this bit, all state machines of PHY will be reset.
This bit is self-clear after reset is completed
16.2
MFPSC
0, RW
MF Preamble Suppression Control
MII frame preamble suppression control bit
1 = MF preamble suppression bit on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com