Electronic Components Datasheet Search
  English  ▼

X  

DM9102DEP Datasheet(PDF) 37 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 37 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Final
37
Version: DM9102D-DS-F01
May 10, 2006
Write as 0, ignore on read
4
PDF
0, RO/LH Local Device Parallel Detection Fault:
PDF=1: A fault detected via parallel detection function.
PDF=0: No fault detected via parallel detection function
3
LP_NP_ABLE
0, RO
Link Partner Next Page Able:
LP_NP_ABLE=1: Link partner, next page available
LP_NP_ABLE=0: Link partner, no next page
2
NP_ABLE
0,RO/P
Local Device Next Page Able:
NP_ABLE=1: DM9102D, next page available
NP_ABLE=0: DM9102D, no next page
DM9102D does not support this function, so this bit is always 0.
1
PAGE_RX
0, RC/LH
New Page Received:
A new link of code-word page received. This bit will be automatically cleared
when the register (Register 6) is read by management.
0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able:
A “1” in this bit indicates that the link partner supports Auto-negotiation.
6.3.8 DAVICOM Specified Configuration Register (DSCR) – 10H
Bit
Name
Default
Description
15
BP_4B5B
0,RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5B and 5B4B operation
14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and symbol
decoding functions) bypassed. Transmit functions (symbol encoder
and scrambler) bypassed
0 = Normal operation
12:11
Reserved
0, RW
Reserved
10
Reserved
1, RW
Reserved
9:8
Reserved
0, RW
Reserved
7
F_LINK_100
0, RW
Force Good Link in 100Mbps:
1 = Force 100Mbps good link status
0 = Normal 100Mbps operation
This bit is useful for diagnostic purposes.
6:5
Reserved
00,RW
Reserved
4
RPDCTR_EN
1,RW
Reduced Power Down Control Mode:
This bit is used to enable automatic reduced power down
1 = Enable automatic reduced power down
0 = Disable automatic reduced power down
3
SMRST
0,RC
Reset State Machine:
When writes 1 to this bit, all state machines of PHY will be reset. This bit is
self-clear after reset is completed.
2
MFPSC
1,RW
MF Preamble Suppression Control:
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com