Electronic Components Datasheet Search
  English  ▼

X  

DM9102DEP Datasheet(PDF) 54 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 54 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 58Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
54
Final
Version: DM9102D-DS-F01
May 10, 2006
7.7 EEPROM Overview
The first 13 words of Configuration EEPROM are loaded
into the DM9102D after power-on-reset for the settings of
the power management, system ID and Ethernet address.
The format of the EEPROM is as followed
The format of EEPROM
7.7.1 Subsystem ID Block
Every card has a Subsystem ID to indicate the information
of system vendor. The content will be transferred into the
PCI configuration space 2CH.
7.7.2Vendor ID
Vendor ID & Device ID can be set in EEPROM content &
auto-loaded to PCI configuration register after reset.(default
value = 1282H, 9102H) This function must be selectable for
enable by Auto_ Load_ Control (word offset 04 bit[3:0] of
EEPROM).
7.7.3 Word Offset (04): Auto_ Load_ Control
0
3
4
7
Bit3~0: “1010” to enable auto-load of PCI Vendor_ ID &
Device_ ID.
Bit7~4: “1X1X” to enable auto-load of NCE, PME & PMC &
PMCSR to PCI configuration space. Bit 4 and 6 are used to
control the polarity and pulse mode of the WOL pin.
If bit4 = 0, WOL is Active HIGH.
If bit4=1, WOL is Active LOW
If bit6 = 0, WOL is PULSE signal
If bit6=1, WOL is LEVEL signal.
7.7.4 Word Offset (04):
New_ Capabilities_
Enable
Bit0: Directly mapping to bit20 (New Capabilities) of the
PCICS
If Bit9=1, Bit [12:10] mapping to bit [18:16] of the PCIPMR
and Bit [15:13] mapping to bit [24:22] of the PCIPMR.
7.7.5 Word Offset (07): PMC
0
7
32
Bit7~3: Directly mapping to bit[31:27] of the PCIPMR.
Bit2~0: Directly mapping to bit[21,26:25] of the PCIPMR.
7.7.6 Word Offset (07): Control
Bit 15: Reserved
Bit 14: Disable to power-down PHY if ISOLATE pin is low.
Bit 13: Clear PMCSR[1:0] if RST# pin is low
Bit 12: PME# is not pulse mode
Bit 11: Set to disable the output of WOL pin.
Bit 10: Set to disable the output of PME# pin.
Bit 9: Set to enable the link change wake up event.
Bit 8: Set to enable the Magic packet wake up event.
Field Name
Word Offset
Word Size
Subsystem Vendor ID
0
1
Subsystem ID
1
1
Reserved
2
2
NCE and Auto_ load_ control
4
1
PCI Vendor ID
5
1
PCI Device ID
6
1
PMCSR and PMC
7
1
Reserved
8
2
Ethernet Address
10
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com