Electronic Components Datasheet Search
  English  ▼

X  

DM9102DEP Datasheet(PDF) 50 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 50 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
50
Final
Version: DM9102D-DS-F01
May 10, 2006
7.4 Serial Management Interface
The serial management interface is used to obtain and
control the status of PHY management register set through
the internal MDC and MDIO signals, which is control by
CR9 bits 19:16. The Management Data Clock (MDC) is
equipped with a maximum clock rate of 2.5MHz.
In read/write operation, the management data frame is
64-bit long start with 32 contiguous logic one bits (preamble)
synchronization clock cycles on MDC. The Start of Frame
Delimiter (SFD) is indicated by a <01> pattern followed by
the operation code (OP):<10> indicates Read operation and
<01> indicates Write operation. Following the OP Code is
the 5-bit PHY Address field that is fixed to 00001b. For read
operation, a 2-bit turnaround (TA) filing between Register
Address field and Data field is provided for MDIO to avoid
contention. “Z” stands for the state of high impedance.
Following turnaround time, a 16-bit data is read from or
written onto management registers.
7.4.1 Management Interface - Read Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
Z
0
Idle
Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Read
Write
MDC
MDIO Read
D15
D14
D1
D0
//
//
7.4.2 Management Interface - Write Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
1
0
D15
D14
D1
D0
Idle
Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Write
MDC
MDIO Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com