Electronic Components Datasheet Search
  English  ▼

X  

TS2GF300 Datasheet(PDF) 21 Page - Transcend Information. Inc.

Part # TS2GF300
Description  300X CompactFlash Card
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GF300 Datasheet(HTML) 21 Page - Transcend Information. Inc.

Back Button TS2GF300 Datasheet HTML 17Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 18Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 19Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 20Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 21Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 22Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 23Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 24Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 25Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
21
Configuration Register (Attribute Memory) Write Timing Specification
The Card Configuration write access time is defined as 250 ns. Detailed timing specifications are shown in Table
below.
Table: Configuration Register (Attribute Memory) Write Timing
Speed Version
250 ns
Item
Symbol
IEEE Symbol
Min ns
Max ns
Write Cycle Time
tc(W)
tAVAV
250
Write Pulse Width
tw(WE)
tWLWH
150
Address Setup Time
tsu(A)
tAVWL
30
Write Recovery Time
trec(WE)
tWMAX
30
Data Setup Time for WE
tsu(D-WEH)
tDVWH
80
Data Hold Time
th(D)
tWMDX
30
Note: All times are in nanoseconds. Din signifies data provided by the system to the CompactFlash Storage Card .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com