Electronic Components Datasheet Search
  English  ▼

X  

TS2GF300 Datasheet(PDF) 65 Page - Transcend Information. Inc.

Part # TS2GF300
Description  300X CompactFlash Card
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GF300 Datasheet(HTML) 65 Page - Transcend Information. Inc.

Back Button TS2GF300 Datasheet HTML 61Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 62Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 63Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 64Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 65Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 66Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 67Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 68Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 69Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
65
If this field is supported, bit 1 of word 53 shall be set to one. The value in word 66 shall not be less than the
value in word 65. This field shall be supported by all CompactFlash Storage Cards supporting DMA modes
1 and above. If bit 1 of word 53 is set to one, but this field is not supported, the Card shall return a value of
zero in this field.
Word 67: Minimum PIO transfer cycle time without flow control
Word 67 of the parameter information of the Identify Device command is defined as the minimum PIO
transfer without flow control cycle time. This field defines, in nanoseconds, the minimum cycle time that, if
used by the host, the CompactFlash Storage Card guarantees data integrity during the transfer without
utilization of flow control. If this field is supported, Bit 1 of word 53 shall be set to one. Any CompactFlash
Storage Card that supports PIO mode 3 or above shall support this field, and the value in word 67 shall not
be less than the value reported in word 68. If bit 1 of word 53 is set to one because a CompactFlash
Storage Card supports a field in words 64-70 other than this field and the CompactFlash Storage Card
does not support this field, the CompactFlash Storage Card shall return a value of zero in this field.
Word 68: Minimum PIO transfer cycle time with IORDY
Word 68 of the parameter information of the Identify Device command is defined as the minimum PIO
transfer with IORDY flow control cycle time. This field defines, in nanoseconds, the minimum cycle time
that the CompactFlash Storage Card supports while performing data transfers while utilizing IORDY flow
control. If this field is supported, Bit 1 of word 53 shall be set to one. Any CompactFlash Storage Card that
supports PIO mode 3 or above shall support this field, and the value in word 68 shall be the fastest defined
PIO mode supported by the CompactFlash Storage Card. If bit 1 of word 53 is set to one because a
CompactFlash Storage Card supports a field in words 64-70 other than this field and the CompactFlash
Storage Card does not support this field, the CompactFlash Storage Card shall return a value of zero in
this field.
Words 82-84: Features/command sets supported
Words 82, 83, and 84 shall indicate features/command sets supported. The value 0000h or FFFFh was
placed in each of these words by CompactFlash Storage Cards prior to ATA-3 and shall be interpreted by
the host as meaning that features/command sets supported are not indicated. Bits 1 through 13 of word 83
and bits 0 through 13 of word 84 are reserved. Bit 14 of word 83 and word 84 shall be set to one and bit 15
of word 83 and word 84 shall be cleared to zero to provide indication that the features/command sets
supported words are valid. The values in these words should not be depended on by host implementers.
Bit 0 of word 82 shall be set to zero; the SMART feature set is not supported.
If bit 1 of word 82 is set to one, the Security Mode feature set is supported.
Bit 2 of word 82 shall be set to zero; the Removable Media feature set is not supported.
Bit 3 of word 82 shall be set to one; the Power Management feature set is supported.
Bit 4 of word 82 shall be set to zero; the Packet Command feature set is not supported.
If bit 5 of word 82 is set to one, write cache is supported.
If bit 6 of word 82 is set to one, look-ahead is supported.
Bit 7 of word 82 shall be set to zero; release interrupt is not supported.
Bit 8 of word 82 shall be set to zero; Service interrupt is not supported.
Bit 9 of word 82 shall be set to zero; the Device Reset command is not supported.
Bit 10 of word 82 shall be set to zero; the Host Protected Area feature set is not supported.
Bit 11 of word 82 is obsolete.
Bit 12 of word 82 shall be set to one; the CompactFlash Storage Card supports the Write Buffer command.
Bit 13 of word 82 shall be set to one; the CompactFlash Storage Card supports the Read Buffer command.
Bit 14 of word 82 shall be set to one; the CompactFlash Storage Card supports the NOP command.
Bit 15 of word 82 is obsolete.
Bit 0 of word 83 shall be set to zero; the CompactFlash Storage Card does not support the Download
Microcode command.
Bit 1 of word 83 shall be set to zero; the CompactFlash Storage Card does not support the Read DMA
Queued and Write DMA Queued commands.
Bit 2 of word 83 shall be set to one; the CompactFlash Storage Card supports the CFA feature set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com