Electronic Components Datasheet Search
  English  ▼

X  

TS2GF300 Datasheet(PDF) 83 Page - Transcend Information. Inc.

Part # TS2GF300
Description  300X CompactFlash Card
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GF300 Datasheet(HTML) 83 Page - Transcend Information. Inc.

Back Button TS2GF300 Datasheet HTML 75Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 76Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 77Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 78Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 79Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 80Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 81Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 82Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 83Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 83 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
83
SMART Data Structure
BYTE
F / V
Decription
0-1
X
Revision code
2-361
X
Vendor specific
362
V
Off line data collection status
363
X
Self-test execution status byte
364-365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor specific
367
F
Off-line data collection capability
368-369
F
SMART capability
370
F
Error logging capability
7-1 Reserved
0 1=Device error logging supported
371
X
Vendor specific
372
F
Short self-test routine recommended polling time (in minutes)
373
F
Extended self-test routine recommended polling time (in minutes)
374
F
Conveyance self-test routine recommended polling time (in minutes)
375-385
R
Reserved
386-395
F
Firmware Version/Date Code
396-397
F
Number of initial invalid block (396=MSB, 397 =LSB)
398-399
V
Number of run time bad block (398=MSB, 399 =LSB)
400
V
Number of spare block
511
V
Data structure checksum
F=the content (byte) is fixed and does not change.
V=the content (byte) is variable and may change depending on the state of the device or the
commands executed by the device.
X=the content (byte) is vendor specific and may be fixed or variable.
R=the content (byte) is reserved and shall be zero.
N=Nth Management Unit
* 4 Byte value : [MSB] [2] [1] [LSB]
Above technical information is based on CFA standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes in specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com