Electronic Components Datasheet Search
  English  ▼

X  

TS2GF300 Datasheet(PDF) 13 Page - Transcend Information. Inc.

Part # TS2GF300
Description  300X CompactFlash Card
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GF300 Datasheet(HTML) 13 Page - Transcend Information. Inc.

Back Button TS2GF300 Datasheet HTML 9Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 10Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 11Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 12Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 13Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 14Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 15Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 16Page - Transcend Information. Inc. TS2GF300 Datasheet HTML 17Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
13
Input Power
Input Leakage Current
Input Characteristics for UDMA mode >4
In UDMA modes greater than 4, the following characteristics apply. Voltage output high and low values shall be met
at the source connector to include the effect of series termination.
Table: Input Characteristics (UDMA Mode > 4)
Parameter
Symbol
MIN
MAX
Units
DC supply voltage to drivers
VDD3
3.3 –8%
3.3% + 8%
Volts
Low to high input threshold
V+
1.5
2.0
Volts
High to low input threshold
V-
1.0
1.5
Volts
Difference between input thresholds:
((V+ current value) - (V-current value))
VHYS
320
Volts
Average of thresholds:
((V+ current value) + (V-current value))/2
VTHRAVG
1.3
1.7
Volts
Output Drive Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com