Electronic Components Datasheet Search
  English  ▼

X  

AD5174 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5174 Datasheet HTML 8Page - Analog Devices AD5174 Datasheet HTML 9Page - Analog Devices AD5174 Datasheet HTML 10Page - Analog Devices AD5174 Datasheet HTML 11Page - Analog Devices AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices AD5174 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5174
Rev. 0 | Page 12 of 20
THEORY OF OPERATION
The AD5174 is designed to operate as a true variable resistor for
analog signals within the terminal voltage range of VSS < VTERM
< VDD. The RDAC register contents determine the resistor wiper
position. The RDAC register acts as a scratchpad register, which
allows unlimited changes of resistance settings. The RDAC register
can be programmed with any position setting by using the SPI
interface. When a desirable wiper position is found, this value
can be stored in a 50-TP memory register. Thereafter, the wiper
position is always restored to that position for subsequent
power-ups. The storing of 50-TP data takes approximately 350 ms;
during this time, the AD5174 locks to prevent any changes from
taking place.
The AD5174 also feature a patented 1% end-to-end resistor
tolerance. This simplifies precision, rheostat mode, and open-
loop applications where knowledge of absolute resistance is
critical.
SERIAL DATA INTERFACE
The AD5174 contains a serial interface (SYNC, SCLK, DIN,
and SDO) that is compatible with SPI interface standards, as well
as most DSPs. This device allows writing of data via the serial
interface to every register.
SHIFT REGISTER
The shift register is 16 bits wide, as shown in Figure 2. The
16-bit word consists of two unused bits, which should be set to
0, followed by four control bits and 10 RDAC data bits. Data is
loaded MSB first (Bit D9). The four control bits determine the
function of the software command as listed in Table 6. Figure 3
shows a timing diagram of a typical AD5174 write sequence.
The write sequence begins by bringing the SYNC line low. The
SYNC pin must be held low until the complete data-word is
loaded from the DIN pin. When SYNC returns high, the serial
data-word is decoded according to the instructions in
.
The command bits (Cx) control the operation of the digital
potentiometer. The data bits (Dx) are the values that are loaded
into the decoded register. The AD5174 has an internal counter
that counts a multiple of 16 bits (a frame) for proper operation.
For example, AD5174 works with a 32-bit word but does not
work properly with a 31-bit or 33-bit word. The AD5174
does not require a continuous SCLK when
Table 6
SYNC is high.
To minimize power consumption in the digital input buffers,
operate all serial interface pins close to the VDD supply rails.
RDAC REGISTER
The RDAC register directly controls the position of the digital
rheostat wiper. For example, when the RDAC register is loaded
with all 0s, the wiper is connected to Terminal A of the variable
resistor. The RDAC register is a standard logic register, and there
is no restriction on the number of changes allowed. The basic
mode of setting the variable resistor wiper position (programming
the RDAC register) is accomplished by loading the serial data
input register with Command 1 (see Table 6) and with the desired
wiper position data.
50-TP MEMORY BLOCK
The AD5174 contains an array of 50-TP programmable memory
registers, which allow the wiper position to be programmed up
to 50 times. Table 10 shows the memory map. When the desired
wiper position is determined, the user can load the serial data
input register with Command 3 (see Table 6), which stores the
wiper position data in a 50-TP memory register. The first address
to be programmed is Location 0x01 (see Table 10); the AD5174
increments the 50-TP memory address for each subsequent
program until the memory is full. Programming data to 50-TP
consumes approximately 4 mA for 55 ms, and takes approx-
imately 350 ms to complete, during which time the shift register
locks to prevent any changes from occurring. Bit C2 of the
control register can be polled to verify that the fuse program
command was completed properly. No change in supply voltage
is required to program the 50-TP memory; however, a 1 μF
capacitor on the EXT_CAP pin is required (see Figure 28).
Prior to 50-TP activation, the AD5174 presets to midscale
on power-up.
WRITE PROTECTION
At power-up, the serial data input register write commands for
both the RDAC register and the 50-TP memory registers are
disabled. The RDAC write protect bit, C1, of the control register
(see Table 8 and Table 9) is set to 0 by default. This disables any
change of the RDAC register content regardless of the software
commands, except that the RDAC register can be refreshed
from the 50-TP memory using the software reset, Command 4
(see Table 6). To enable programming of the RDAC register,
the write protect bit (Bit C1), of the control register must first
be programmed by loading the serial data input register with
Command 7. To enable programming of the 50-TP memory,
the program enable bit (Bit C0) of the control register, which
is set to 0 by default, must first be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com