Electronic Components Datasheet Search
  English  ▼

X  

AD5174 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices AD5174 Datasheet HTML 16Page - Analog Devices AD5174 Datasheet HTML 17Page - Analog Devices AD5174 Datasheet HTML 18Page - Analog Devices AD5174 Datasheet HTML 19Page - Analog Devices AD5174 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5174
Rev. 0 | Page 17 of 20
EXT_CAP CAPACITOR
A 1 μF capacitor to VSS must be connected to the EXT_CAP
pin, as shown in Figure 28, on power-up and throughout the
operation of the AD5174.
AD5174
50-TP
MEMORY
BLOCK
EXT_CAP
C1
1µF
VSS
VSS
Figure 28. EXT_CAP Hardware Setup
TERMINAL VOLTAGE OPERATING RANGE
The positive VDD and negative VSS power supplies of the AD5174
define the boundary conditions for proper 2-terminal digital
resistor operation. Supply signals present on Terminal A and
Terminal W that exceed VDD or VSS are clamped by the internal
forward-biased diodes (see Figure 29).
VSS
VDD
A
W
Figure 29. Maximum Terminal Voltages Set by VDD and VSS
The ground pin of the AD5174 is primarily used as a digital
ground reference. To minimize the digital ground bounce, join the
AD5174 ground terminal remotely to the common ground. The
digital input control signals to the AD5174 must be referenced
to the device ground pin (GND) and must satisfy the logic level
defined in the Specifications section. An internal level shift
circuit ensures that the common-mode voltage range of the
three terminals extends from VSS to VDD, regardless of the
digital input level.
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at
Terminal A and Terminal W (see Figure 29), it is important to
power VDD/VSS first before applying any voltage to Terminal A
and Terminal W; otherwise, the diode is forward-biased such
that VDD/VSS are powered unintentionally. The ideal power-
up sequence is VSS, GND, VDD, digital inputs, VA, and VW.
The order of powering VA, VW, and the digital inputs is not
important as long as they are powered after VDD/VSS.
As soon as VDD is powered, the power-on preset activates,
which first sets the RDAC to midscale and then restores the
last programmed 50-TP value to the RDAC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com