Electronic Components Datasheet Search
  English  ▼

X  

AD5174 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5174 Datasheet HTML 10Page - Analog Devices AD5174 Datasheet HTML 11Page - Analog Devices AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices AD5174 Datasheet HTML 16Page - Analog Devices AD5174 Datasheet HTML 17Page - Analog Devices AD5174 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5174
Rev. 0 | Page 14 of 20
SHUTDOWN MODE
The AD5174 can be shut down by executing the software
shutdown command, Command 9 (see Table 6), and setting
the LSB to 1. This feature places the RDAC in a zero-power-
consumption state where Terminal A is open circuited and
the wiper terminal, W, remains connected. It is possible to
execute any command from Table 6 while the AD5174 is in
shutdown mode. The parts can be taken out of shutdown
mode by executing Command 9 and setting the LSB to 0
or by a software reset, Command 4 (see Table 6).
RESET
The AD5174 can be reset through software by executing Com-
mand 4 (see Table 6). The reset command loads the RDAC
register with the contents of the most recently programmed 50-TP
memory location. The RDAC register loads with midscale if no
50-TP memory location has been previously programmed.
Table 7. Write and Read to RDAC and 50-TP Memory
DIN
SDO1
Action
0x1C03
0xXXXX
Enable update of the wiper position and the 50-TP memory contents through the digital interface.
0x0500
0x1C03
Write 0x100 to the RDAC register; wiper moves to ¼ full-scale position.
0x0800
0x0500
Prepares data read from RDAC register.
0x0C00
0x100
Stores RDAC register content into the 50-TP memory. A 16-bit word appears out of SDO, where the last 10 bits contain
the contents of the RDAC register (0x100).
0x1800
0x0C00
Prepares data read of the last programmed 50-TP memory monitor location.
0x0000
0xXX19
NOP Instruction 0 sends a 16-bit word out of SDO, where the six LSBs (that is, last six bits) contain the binary address of
the last programmed 50-TP memory location, for example, 0x19 (see Table 10).
0x1419
0x0000
Prepares data read from Memory Location 0x19.
0x2000
0x0100
Prepares data read from the control register. Sends a 16-bit word out of SDO, where the last 10 bits contain the
contents of Memory Location 0x19.
0x0000
0xXXXX
NOP Instruction 0 sends a 16-bit word out of SDO, where the last four bits contain the contents of the control register.
If Bit C2 = 1, the fuse program command was successful.
1 X is don’t care.
Table 8. Control Register Bit Map
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
C2
0
C1
C0
Table 9. Control Register Bit Description
Bit Name
Description
C0
50-TP program enable
0 = 50-TP program disabled (default)
1 = enable device for 50-TP program
C1
RDAC register write protect
0 = wiper position frozen to value in 50-TP memory (default)1
1 = allow update of wiper position through digital interface
C2
50-TP memory program success bit
0 = fuse program command was unsuccessful (default)
1 = fuse program command was successful
1 Wiper position frozen to the last value programmed in the 50-TP memory. The wiper is frozen to midscale if the 50-TP memory has not been previously programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com