Electronic Components Datasheet Search
  English  ▼

X  

AD5174 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices AD5174 Datasheet HTML 16Page - Analog Devices AD5174 Datasheet HTML 17Page - Analog Devices AD5174 Datasheet HTML 18Page - Analog Devices AD5174 Datasheet HTML 19Page - Analog Devices AD5174 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5174
Rev. 0 | Page 16 of 20
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance between Terminal W and Terminal A,
RWA, is 10 kΩ and has 1024-tap points accessed by the wiper ter-
minal. The 10-bit data in the RDAC latch is decoded to select
one of the 1024 possible wiper settings. As a result, the general
equation for determining the digitally programmed output
resistance between the W terminal and the A terminal is
WA
WA
R
D
D
R
×
=
1024
)
(
(1)
where:
D
is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RWA
is the end-to-end resistance.
In the zero-scale condition, a finite total wiper resistance of
120 Ω is present. Regardless of which setting the part is oper-
ating in, take care to limit the current between Terminal A and
Terminal W to the maximum continuous current of ±6 mA or
a pulse current specified in Table 3. Otherwise, degradation or
possible destruction of the internal switch contact may occur.
Calculate the Actual End-to-End Resistance
The resistance tolerance is stored in the internal memory
during factory testing. The actual end-to-end resistance can,
therefore, be calculated (which is valuable for calibration,
tolerance matching, and precision applications).
The resistance tolerance (in percentage) is stored in fixed-point
format, using a 16-bit sign magnitude binary. The sign bit(0 =
negative and 1 = positive) and the integer part is located in
Address 0x39 as shown in Table 10. Address 0x3A contains the
fractional part as shown in Table 11.
That is, if the data readback from Address 0x39 is 0000001010 and
data from Address 0x3A is 0010110000, then the end-to-end
resistance can be calculated as follows.
For Memory Location 0x39,
DB[9:8]: XX = don’t care
 
DB[7]: 0 = negative
DB[6:0]: 0001010 = 10
For Memory Location 0x3A,
DB[9:8]: XX = don’t care
DB[7:0]: 10110000 = 176 × 2−8 = 0.6875
Therefore, tolerance = −10.6875% and RWA (1023)= 8.931 kΩ.
Table 11. End-to-End Resistance Tolerance Bytes
Data Byte1
Memory Map Address
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0x39
X
X
Sign
26
25
24
23
22
21
20
0x3A
X
X
2−1
2−2
2−3
2−4
2−5
2−6
2−7
2−8
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com