Electronic Components Datasheet Search
  English  ▼

X  

PAM1707BZKB4 Datasheet(PDF) 47 Page - Texas Instruments

Part # PAM1707BZKB4
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 Datasheet(HTML) 47 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 43Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 44Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 45Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 46Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 47Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 48Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 49Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 50Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 198 page
background image
OSCOUT
OSCIN
OSCVSS
Clock
Input
toPLL
NC
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
Figure 6-7. External 1.2V Clock Source
Table 6-4. OSCIN Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
fOSCIN
OSCIN frequency range (OSCIN)
12
50
MHz
tc(OSCIN)
Cycle time, external clock driven on OSCIN
20
ns
tw(OSCINH) Pulse width high, external clock on OSCIN
0.4 tc(OSCIN)
ns
tw(OSCINL) Pulse width low, external clock on OSCIN
0.4 tc(OSCIN)
ns
tt(OSCIN)
Transition time, OSCIN
0.25P (1)
ns
tj(OSCIN)
Period jitter, OSCIN
0.02P
ns
(1)
P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve noise immunity on input
signals.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
47
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com