Electronic Components Datasheet Search
  English  ▼

X  

PAM1707BZKB4 Datasheet(PDF) 27 Page - Texas Instruments

Part # PAM1707BZKB4
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 23Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 24Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 25Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 26Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 27Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 28Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 29Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 30Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
3.6.14
Universal Host-Port Interface (UHPI)
Table 3-16. Universal Host-Port Interface (UHPI) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D[15]/GP0[15]
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
P14
I/O
IPD
EMIFA, LCD, GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11]/GP0[11]
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
R14
I/O
IPD
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
N12
I/O
IPD
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/
EMIFA, MMC/SD,
UHPI data bus.
M15
I/O
IPU
BOOT[13]
GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/UHPI_HD[6]/GP0[6]
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/UHPI_HD[5]/GP0[5]
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/UHPI_HD[4]/GP0[4]
P13
I/O
IPU
EMIFA, MMC/SD,
GPIO
EMA_D[3]/MMCSD_DAT[3]/UHPI_HD[3]/GP0[3]
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/UHPI_HD[2]/GP0[2]
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/UHPI_HD[1]/GP0[1]
R15
I/O
IPU
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/
EMIFA, MMC/SD,
T13
I/O
IPU
BOOT[12]
GPIO, BOOT
EMA_A[2]/MMCSD_CMD/UHPI_HCNTL1/GP1[2]
P9
I/O
IPU
EMIFA,
MMCSD_CMD,
UHPI access control.
EMA_A[1]/MMCSD_CLK/UHPI_HCNTL0/GP1[1]
R9
I/O
IPU
GPIO
UHPI half-word
EMA_BA[1]/LCD_D[5]/UHPI_HHWIL/GP1[13]
P8
I/O
IPU
EMIFA, LCD, GPIO
identification control.
EMIFA, McASP,
EMA_WE/UHPI_HRW /AXR0[12]/GP2[3]/BOOT[14]
M13
I/O
IPU
UHPI read/write.
GPIO, BOOT
EMIFA, GPIO,
EMA_CS[2]/ UHPI_HCS /GP2[5]/BOOT[15]
P7
I/O
IPU
UHPI chip select.
BOOT
EMA_WE_DQM[1]/ UHPI_HDS2 /AXR0[14]/GP2[8]
P12
I/O
IPU
UHPI data strobe.
EMIFA, McASP0,
EMA_OE/ UHPI_HDS1 /AXR0[13]/GP2[7]
R7
I/O
IPU
GPIO
EMA_WE_DQM[0]/ UHPI_HINT /AXR0[15]/GP2[9]
M14
I/O
IPU
UHPI host interrupt.
EMA_WAIT[0]/ UHPI_HRDY /GP2[10]
N6
I/O
IPU
UHPI ready.
EMIFA, GPIO
UHPI address
EMA_CS[0]/ UHPI_HAS /GP2[4]
T8
I/O
IPU
strobe.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com