Electronic Components Datasheet Search
  English  ▼

X  

PAM1707BZKB4 Datasheet(PDF) 97 Page - Texas Instruments

Part # PAM1707BZKB4
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 93Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 94Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 95Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 96Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 97Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 98Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 99Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 100Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
Table 6-44. McASP Registers Accessed Through Peripheral Configuration Port (continued)
McASP0
McASP1
McASP2
ACRONYM
REGISTER DESCRIPTION
BYTE
BYTE
BYTE
ADDRESS
ADDRESS
ADDRESS
0x01D0 0104
0x01D0 4104
0x01D0 8104
DITCSRA1
Left (even TDM time slot) channel status register (DIT mode) 1
0x01D0 0108
0x01D0 4108
0x01D0 8108
DITCSRA2
Left (even TDM time slot) channel status register (DIT mode) 2
0x01D0 010C
0x01D0 410C
0x01D0 810C
DITCSRA3
Left (even TDM time slot) channel status register (DIT mode) 3
0x01D0 0110
0x01D0 4110
0x01D0 8110
DITCSRA4
Left (even TDM time slot) channel status register (DIT mode) 4
0x01D0 0114
0x01D0 4114
0x01D0 8114
DITCSRA5
Left (even TDM time slot) channel status register (DIT mode) 5
0x01D0 0118
0x01D0 4118
0x01D0 8118
DITCSRB0
Right (odd TDM time slot) channel status register (DIT mode) 0
0x01D0 011C
0x01D0 411C
0x01D0 811C
DITCSRB1
Right (odd TDM time slot) channel status register (DIT mode) 1
0x01D0 0120
0x01D0 4120
0x01D0 8120
DITCSRB2
Right (odd TDM time slot) channel status register (DIT mode) 2
0x01D0 0124
0x01D0 4124
0x01D0 8124
DITCSRB3
Right (odd TDM time slot) channel status register (DIT mode) 3
0x01D0 0128
0x01D0 4128
0x01D0 8128
DITCSRB4
Right (odd TDM time slot) channel status register (DIT mode) 4
0x01D0 012C
0x01D0 412C
0x01D0 812C
DITCSRB5
Right (odd TDM time slot) channel status register (DIT mode) 5
0x01D0 0130
0x01D0 4130
0x01D0 8130
DITUDRA0
Left (even TDM time slot) channel user data register (DIT mode) 0
0x01D0 0134
0x01D0 4134
0x01D0 8134
DITUDRA1
Left (even TDM time slot) channel user data register (DIT mode) 1
0x01D0 0138
0x01D0 4138
0x01D0 8138
DITUDRA2
Left (even TDM time slot) channel user data register (DIT mode) 2
0x01D0 013C
0x01D0 413C
0x01D0 813C
DITUDRA3
Left (even TDM time slot) channel user data register (DIT mode) 3
0x01D0 0140
0x01D0 4140
0x01D0 8140
DITUDRA4
Left (even TDM time slot) channel user data register (DIT mode) 4
0x01D0 0144
0x01D0 4144
0x01D0 8144
DITUDRA5
Left (even TDM time slot) channel user data register (DIT mode) 5
0x01D0 0148
0x01D0 4148
0x01D0 8148
DITUDRB0
Right (odd TDM time slot) channel user data register (DIT mode) 0
0x01D0 014C
0x01D0 414C
0x01D0 814C
DITUDRB1
Right (odd TDM time slot) channel user data register (DIT mode) 1
0x01D0 0150
0x01D0 4150
0x01D0 8150
DITUDRB2
Right (odd TDM time slot) channel user data register (DIT mode) 2
0x01D0 0154
0x01D0 4154
0x01D0 8154
DITUDRB3
Right (odd TDM time slot) channel user data register (DIT mode) 3
0x01D0 0158
0x01D0 4158
0x01D0 8158
DITUDRB4
Right (odd TDM time slot) channel user data register (DIT mode) 4
0x01D0 015C
0x01D0 415C
0x01D0 815C
DITUDRB5
Right (odd TDM time slot) channel user data register (DIT mode) 5
0x01D0 0180
0x01D0 4180
0x01D0 8180
SRCTL0
Serializer control register 0
0x01D0 0184
0x01D0 4184
0x01D0 8184
SRCTL1
Serializer control register 1
0x01D0 0188
0x01D0 4188
0x01D0 8188
SRCTL2
Serializer control register 2
0x01D0 018C
0x01D0 418C
0x01D0 818C
SRCTL3
Serializer control register 3
0x01D0 0190
0x01D0 4190
0x01D0 8190
SRCTL4
Serializer control register 4
0x01D0 0194
0x01D0 4194
0x01D0 8194
SRCTL5
Serializer control register 5
0x01D0 0198
0x01D0 4198
0x01D0 8198
SRCTL6
Serializer control register 6
0x01D0 019C
0x01D0 419C
0x01D0 819C
SRCTL7
Serializer control register 7
0x01D0 01A0
0x01D0 41A0
0x01D0 81A0
SRCTL8
Serializer control register 8
0x01D0 01A4
0x01D0 41A4
0x01D0 81A4
SRCTL9
Serializer control register 9
0x01D0 01A8
0x01D0 41A8
0x01D0 81A8
SRCTL10
Serializer control register 10
0x01D0 01AC 0x01D0 41AC 0x01D0 81AC
SRCTL11
Serializer control register 11
0x01D0 01B0
0x01D0 41B0
0x01D0 81B0
SRCTL12
Serializer control register 12
0x01D0 01B4
0x01D0 41B4
0x01D0 81B4
SRCTL13
Serializer control register 13
0x01D0 01B8
0x01D0 41B8
0x01D0 81B8
SRCTL14
Serializer control register 14
0x01D0 01BC 0x01D0 41BC 0x01D0 81BC
SRCTL15
Serializer control register 15
0x01D0 0200
0x01D0 4200
0x01D0 8200
XBUF0(1)
Transmit buffer register for serializer 0
0x01D0 0204
0x01D0 4204
0x01D0 8204
XBUF1(1)
Transmit buffer register for serializer 1
0x01D0 0208
0x01D0 4208
0x01D0 8208
XBUF2(1)
Transmit buffer register for serializer 2
0x01D0 020C
0x01D0 420C
0x01D0 820C
XBUF3(1)
Transmit buffer register for serializer 3
0x01D0 0210
0x01D0 4210
0x01D0 8210
XBUF4(1)
Transmit buffer register for serializer 4
0x01D0 0214
0x01D0 4214
0x01D0 8214
XBUF5(1)
Transmit buffer register for serializer 5
(1)
Writes to XRBUF originate from peripheral configuration port only when XBUSEL = 1 in XFMT.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com