Electronic Components Datasheet Search
  English  ▼

X  

PAM1707BZKB4 Datasheet(PDF) 16 Page - Texas Instruments

Part # PAM1707BZKB4
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 12Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 13Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 14Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 15Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 16Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 17Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 18Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 19Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 198 page
background image
AM1707
SPRS637 – FEBRUARY 2010
www.ti.com
3.6
Terminal Functions
Table 3-3 to Table 3-23 identify the external signal names, the associated pin/ball numbers along with the
mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal
pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin
description.
3.6.1
Device Reset and JTAG
Table 3-3. Reset and JTAG Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
ZKB
RESET
RESET
G3
I
Device reset input
AMUTE0/ RESETOUT
L4
O(3)
IPD
Reset output. Multiplexed with McASP0 mute output.
JTAG
TMS
J1
I
IPU
JTAG test mode select
TDI
J2
I
IPU
JTAG test data input
TDO
J3
O
IPD
JTAG test data output
TCK
H3
I
IPD
JTAG test clock
TRST
J4
I
IPD
JTAG test reset
EMU[0]/GP7[15]
J5
I/O
IPU
Emulation Signal
RTCK/GP7[14]
K1
I/O
IPD
JTAG Test Clock Return Clock Output
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
Open drain mode for RESETOUT function.
3.6.2
High-Frequency Oscillator and PLL
Table 3-4. High-Frequency Oscillator and PLL Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
ZKB
EMA_CLK/OBSCLK/AHCLKR2/
R12
O
IPU
PLL Observation Clock
GP1[15]
1.2-V OSCILLATOR
OSCIN
F2
I
Oscillator input
OSCOUT
F1
O
Oscillator output
OSCVSS
E2
GND
Oscillator ground (for filter only)
1.2-V PLL
PLL0_VDDA
D1
PWR
PLL analog VDD (1.2-V filtered supply)
PLL0_VSSA
E1
GND
PLL analog VSS (for filter)
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
16
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com