Electronic Components Datasheet Search
  English  ▼

X  

LTC3606B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 1 Page - Linear Technology

  LTC3606B Datasheet HTML 1Page - Linear Technology LTC3606B Datasheet HTML 2Page - Linear Technology LTC3606B Datasheet HTML 3Page - Linear Technology LTC3606B Datasheet HTML 4Page - Linear Technology LTC3606B Datasheet HTML 5Page - Linear Technology LTC3606B Datasheet HTML 6Page - Linear Technology LTC3606B Datasheet HTML 7Page - Linear Technology LTC3606B Datasheet HTML 8Page - Linear Technology LTC3606B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3606B
1
3606bfa
TYPICAL APPLICATION
DESCRIPTION
800mA Synchronous
Step-Down DC/DC with
Average Input Current Limit
The LTC®3606B is an 800mA monolithic synchronous
buck regulator using a constant frequency current mode
architecture.
The input supply voltage range is 2.5V to 5.5V, making it
ideal for Li-Ion and USB powered applications. 100% duty
cycle capability provides low dropout operation, extending
the run time in battery-operated systems. Low output
voltages are supported with the 0.6V feedback reference
voltage. The LTC3606B can supply 800mA output current.
The LTC3606B’s programmable average input current
limit is ideal for USB applications and for point-of-load
power supplies because the LTC3606B’s limited input
current will still allow its output to deliver high peak load
currents without collapsing the input supply. The operating
frequency is internally set at 2.25MHz allowing the use of
small surface mount inductors. Internal soft-start reduces
in-rush current during start-up. The LTC3606B is available
in an 8-Lead 3mm × 3mm DFN package.
Monolithic Buck Regulator with Input Current Limit
FEATURES
APPLICATIONS
n Programmable Average Input Current Limit:
±5% Accuracy
n Step-Down Output: Up to 96% Efficiency
n Low Noise Pulse-Skipping Operation at Light Loads
n Input Voltage Range: 2.5V to 5.5V
n Output Voltage Range: 0.6V to 5V
n 2.25MHz Constant-Frequency Operation
n Power Good Output Voltage Monitor
n Low Dropout Operation: 100% Duty Cycle
n Internal Soft-Start
n Current Mode Operation for Excellent Line and Load
Transient Response
n ±2% Output Voltage Accuracy
n Short-Circuit Protected
n Shutdown Current ≤ 1μA
n Available in Small Thermally Enhanced 8-Lead
3mm × 3mm DFN Package
n High Peak Load Current Applications
n USB Powered Devices
n Supercapacitor Charging
n Radio Transmitters and Other Handheld Devices
GSM Pulse Load
PGOOD
CIN
10μF
VIN 3.4V
TO 5.5V
499k
255k
1.5μH
2.2mF
2
SuperCap
116k
+
1000pF
ILIM = 475mA
VOUT
3.4V AT
800mA
1210k
VIN
LTC3606B
VFB
SW
RLIM
PGOOD
RUN
GND
3606B TA01
L, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S.Patents, including 5481178, 6127815,
6304066, 6498466, 6580258, 6611131.
1ms/DIV
VIN = 5V, 500mA COMPLIANT
ILOAD = 0A to 2.2A
3606B TA01b
VOUT
200mV/DIV
IOUT
500mA/DIV
IIN
500mA/DIV
VIN
AC-COUPLED
1V/DIV


Similar Part No. - LTC3606B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results

Similar Description - LTC3606B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3619B LINER-LTC3619B Datasheet
492Kb / 20P
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3619 LINER-LTC3619_15 Datasheet
505Kb / 22P
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3619B LINER-LTC3619B_15 Datasheet
512Kb / 20P
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com