Electronic Components Datasheet Search
  English  ▼

X  

LTC3606B Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3606B Datasheet HTML 10Page - Linear Technology LTC3606B Datasheet HTML 11Page - Linear Technology LTC3606B Datasheet HTML 12Page - Linear Technology LTC3606B Datasheet HTML 13Page - Linear Technology LTC3606B Datasheet HTML 14Page - Linear Technology LTC3606B Datasheet HTML 15Page - Linear Technology LTC3606B Datasheet HTML 16Page - Linear Technology LTC3606B Datasheet HTML 17Page - Linear Technology LTC3606B Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3606B
14
3606bfa
Figure 3a. LTC3606B Layout Diagram (See Board Layout Checklist)
APPLICATIONS INFORMATION
CF
RLIM
RPGD
VIN
2.5V TO 5.5V
VOUT
3606B F03a
R1
L1
R2
CIN
COUT
BOLD LINES INDICATE HIGH CURRENT PATHS
CLIM
VIN
LTC3606B
SW
VFB
GND
RLIM
RUN
PGOOD
PC Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3606B. These items are also illustrated graphically
in the layout diagrams of Figures 3a and 3b. Check the
following in your layout:
1. Does the capacitor CIN connect to the power VIN (Pin 5)
and GND (Pin 9) as closely as possible? This capacitor
provides the AC current of the internal power MOSFETs
and their drivers.
2. Are the respective COUT and L closely connected? The
(–) plate of COUT returns current to GND and the (–)
plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground sense line
terminated near GND (Pin 9). The feedback signal VFB
should be routed away from noisy components and
traces, such as the SW line (Pin 4), and their trace
length should be minimized.
4. Keep sensitive components away from the SW pin, if
possible. The input capacitor CIN, CLIM and the resistors
R1, R2, and RLIM should be routed away from the SW
traces and the inductors.
5. A ground plane is preferred, but if not available, keep
the signal and power grounds segregated with small
signal components returning to the GND pin at a single
point. These ground traces should not share the high
current path of CIN or COUT.
6. Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power components. These copper areas should be
connected to VIN or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com