Electronic Components Datasheet Search
  English  ▼

X  

LTC3606B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 2 Page - Linear Technology

  LTC3606B Datasheet HTML 1Page - Linear Technology LTC3606B Datasheet HTML 2Page - Linear Technology LTC3606B Datasheet HTML 3Page - Linear Technology LTC3606B Datasheet HTML 4Page - Linear Technology LTC3606B Datasheet HTML 5Page - Linear Technology LTC3606B Datasheet HTML 6Page - Linear Technology LTC3606B Datasheet HTML 7Page - Linear Technology LTC3606B Datasheet HTML 8Page - Linear Technology LTC3606B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3606B
2
3606bfa
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)........................... –0.3V to 6V
VFB................................................... –0.3V to VIN + 0.3V
RUN, RLIM....................................... –0.3V to VIN + 0.3V
SW ................................................... –0.3V to VIN + 0.3V
PGOOD............................................. –0.3V to VIN + 0.3V
P-Channel SW Source Current (DC) (Note 2)..............1A
N-Channel SW Source Current (DC) (Note 2) .............1A
Peak SW Source and Sink Current (Note 2) ............. 2.7A
Operating Junction Temperature Range
(Notes 3, 6, 8)........................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
Reflow Peak Body Temperature ............................ 260°C
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
GND
4
3
2
1
VFB
RUN
PGOOD
VIN
GND
RLIM
GND
SW
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3606BEDD#PBF
LTC3606BEDD#TRPBF
LFMB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC3606BIDD#PBF
LTC3606BIDD#TRPBF
LFMB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com