Electronic Components Datasheet Search
  English  ▼

X  

LTC3606B Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3606B
Description  800mA Synchronous Step-Down DC/DC with Average Input Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3606B Datasheet(HTML) 4 Page - Linear Technology

  LTC3606B Datasheet HTML 1Page - Linear Technology LTC3606B Datasheet HTML 2Page - Linear Technology LTC3606B Datasheet HTML 3Page - Linear Technology LTC3606B Datasheet HTML 4Page - Linear Technology LTC3606B Datasheet HTML 5Page - Linear Technology LTC3606B Datasheet HTML 6Page - Linear Technology LTC3606B Datasheet HTML 7Page - Linear Technology LTC3606B Datasheet HTML 8Page - Linear Technology LTC3606B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3606B
4
3606bfa
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 5V, unless otherwise noted.
Switch Leakage vs Input Voltage
Pulse-Skipping Mode Operation
Efficiency vs Input Voltage
Regulated Voltage vs Temperature
Oscillator Frequency
vs Temperature
Supply Current vs Temperature
Switch On-Resistance
vs Input Voltage
Efficiency vs Load Current
VIN = 5V
VOUT = 3.3V
ILOAD = 5mA
3606B G01
SW
2V/DIV
IL
100mA/DIV
VOUT
50mV/DIV
AC-
COUPLED
5μs/DIV
VIN (V)
VOUT = 3.3V
3.5
100
90
40
20
50
60
70
80
30
10
0
4.5
3606B G03
5.5
45
IOUT = 10mA
IOUT = 1mA
IOUT = 0.1mA
IOUT = 100mA
IOUT = 400mA
IOUT = 800mA
TEMPERATURE (°C)
–50
1.5
1.0
–1.0
–0.5
0
0.5
–1.5
75
50
25
0
3606B G04
125
–25
100
TEMPERATURE (°C)
–50
2.5
2.4
1.9
2.0
2.2
2.1
2.3
1.8
75
50
25
0
3606B G05
125
–25
100
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
TEMPERATURE (°C)
–50
550
500
250
300
400
350
450
200
75
50
25
0
3606B G02
125
–25
100
VIN = 2.7V
VIN = 5.5V
RUN = VIN
ILOAD = 0A
VIN (V)
2.5
1000
800
400
200
600
0
5
4.5
4
3.5
3606B G06
5.5
3
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN (V)
2.5
600
500
300
400
200
5
4.5
4
3.5
3606B G07
5.5
3
MAIN SWITCH
SYNCHRONOUS SWITCH
TEMPERATURE (°C)
–50
–25
0.5
0.4
0.2
0.1
0
0.3
–0.1
0.7
0.6
0.4
0.3
0.2
0.5
0.1
100
75
50
25
3606B G09
125
0
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 5V
Switch On-Resistance
vs Temperature
OUTPUT CURRENT (A)
3606B G11
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.1
1
0.01
0.001
VOUT = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com