Electronic Components Datasheet Search
  English  ▼

X  

LTC3616 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3616
Description  6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3616 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3616 Datasheet HTML 9Page - Linear Technology LTC3616 Datasheet HTML 10Page - Linear Technology LTC3616 Datasheet HTML 11Page - Linear Technology LTC3616 Datasheet HTML 12Page - Linear Technology LTC3616 Datasheet HTML 13Page - Linear Technology LTC3616 Datasheet HTML 14Page - Linear Technology LTC3616 Datasheet HTML 15Page - Linear Technology LTC3616 Datasheet HTML 16Page - Linear Technology LTC3616 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3616
13
3616f
APPLICATIONS INFORMATION
If the output voltage drops below 50% of its nominal value,
the clamp voltage at ITH pin is lowered causing the maxi-
mum peak inductor current to decrease gradually with the
output voltage. When the output voltage reaches 0V the
clamp voltage at the ITH pin drops to 40% of the clamp
voltage during normal operation. The short-circuit peak
inductor current is determined by the minimum on-time
of the LTC3616, the input voltage and the inductor value.
This foldback behavior helps in limiting the peak inductor
current when the output is shorted to ground. It is disabled
during internal or external soft-start and tracking up/down
operation (see the Applications Information section).
A secondary limit is also imposed on the valley inductor
current. If the inductor current measured through the
bottom MOSFET increases beyond 12A typical, the top
power MOSFET will be held off and switching cycles will
be skipped until the inductor current is reduced.
OPERATION
The basic LTC3616 application circuit is shown in Figure 1.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
The operating frequency of the LTC3616 is determined
by an external resistor that is connected between the
RT/SYNC pin and ground. The value of the resistor sets
RUN
TRACK/SS
RT/SYNC
PGOOD
ITH
SGND
PGND
VIN
2.25V TO 5.5V
SRLIM/DDR
SVIN
LTC3616
SW
PVIN
CIN1
22μF
4
CC
470pF
CSS
22nF
L1
220nH
R1
392k
R2
196k
3616 F01
MODE
VFB
COUT1
47μF
COUT2
100μF
VOUT
1.8V
6A
RC
15k
RT
130k
RSS
2M
CC1
10pF
(OPT)
Figure 1. 1.8V, 6A Step-Down Regulator
the ramp current that is used to charge and discharge an
internal timing capacitor within the oscillator and can be
calculated by using the following equation:
RT =
3.82 •1011Hz
fOSC Hz
(
)
Ω –16kΩ
Although frequencies as high as 4MHz are possible, the
minimum on-time of the LTC3616 imposes a minimum
limit on the operating duty cycle. The minimum on-time
is typically 60ns; therefore, the minimum duty cycle is
equal to 60ns • fOSC(Hz)•100%.
Tying the RT/SYNC pin to SVIN sets the default internal
operating frequency to 2.25MHz ±20%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com