Electronic Components Datasheet Search
  English  ▼

X  

LTC3616 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3616
Description  6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3616 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3616 Datasheet HTML 10Page - Linear Technology LTC3616 Datasheet HTML 11Page - Linear Technology LTC3616 Datasheet HTML 12Page - Linear Technology LTC3616 Datasheet HTML 13Page - Linear Technology LTC3616 Datasheet HTML 14Page - Linear Technology LTC3616 Datasheet HTML 15Page - Linear Technology LTC3616 Datasheet HTML 16Page - Linear Technology LTC3616 Datasheet HTML 17Page - Linear Technology LTC3616 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3616
14
3616f
APPLICATIONS INFORMATION
Frequency Synchronization
The LTC3616’s internal oscillator can be synchronized to
an external frequency by applying a square wave clock
signal to the RT/SYNC pin. During synchronization, the top
switch turn-on is locked to the falling edge of the external
frequency source. The synchronization frequency range
is 300kHz to 4MHz. During synchronization all operation
modes can be selected.
It is recommended that the regulator is powered down
(RUN pin to ground) before removing the clock signal
on the RT/SYNC pin in order to reduce inductor current
ripple.
AC coupling should be used if the external clock genera-
tor cannot provide a continuous clock signal throughout
start-up, operation and shutdown of the LTC3616. The
size of capacitor CSYNC depends on parasitic capacitance
on the RT/SYNC pin and is typically in the range of 10pF
to 22pF.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance:
ΔIL =
VOUT
fSW •L
⎛
⎝⎜
⎞
⎠⎟
•1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
Having a lower ripple current reduces the core losses
in the inductor, the ESR losses in the output capacitors
and the output voltage ripple. A reasonable starting point
for selecting the ripple current is
ΔIL = 0.3 • IOUT(MAX).
The largest ripple current occurs at the highest VIN. To
guarantee that the ripple current stays below a specified
maximum, the inductor value should be chosen according
to the following equation:
L =
VOUT
fSW • ΔIL(MAX)
⎛
⎝
⎜
⎞
⎠
⎟ •1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
The inductor value will also have an effect on Burst Mode
operation. The transition to low current operation begins
when the peak inductor current falls below a level set by the
burst clamp. Lower inductor values result in higher ripple
current which causes this to occur at lower load currents.
This causes a dip in efficiency in the upper range of low cur-
rent operation. In Burst Mode operation, lower inductance
values will cause the burst frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. Actual core loss is independent of core size for
fixed inductor value, but it is very dependent on the induc-
tance selected. As the inductance increases, core losses de-
crease. Unfortunately, increased inductance requires more
turns of wire and therefore, copper losses will increase.
LTC3616
SVIN
VIN
RT/SYNC
LTC3616
SVIN
VIN
0.4V
RT/SYNC
RT
RT
SGND
LTC3616
SVIN
fOSC
2.25MHz
fOSC
1/TP
fOSC 1/RT
VIN
RT/SYNC
SGND
TP
1.2V
0.3V
LTC3616
SVIN
fOSC
1/TP
VIN
CSYNC
RT/SYNC
SGND
3616 F02
Figure 2. Setting the Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com