Electronic Components Datasheet Search
  English  ▼

X  

LTC3616 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3616
Description  6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3616 Datasheet(HTML) 4 Page - Linear Technology

  LTC3616 Datasheet HTML 1Page - Linear Technology LTC3616 Datasheet HTML 2Page - Linear Technology LTC3616 Datasheet HTML 3Page - Linear Technology LTC3616 Datasheet HTML 4Page - Linear Technology LTC3616 Datasheet HTML 5Page - Linear Technology LTC3616 Datasheet HTML 6Page - Linear Technology LTC3616 Datasheet HTML 7Page - Linear Technology LTC3616 Datasheet HTML 8Page - Linear Technology LTC3616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3616
4
3616f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3616E is guaranteed to meet performance specifications
over the 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTC3616I is guaranteed to meet specifications over the
full –40°C to 125°C operating junction temperature range. Note that
the maximum ambient temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: This parameter is tested in a feedback loop which servos VFB to
the midpoint for the error amplifier (VITH = 0.75V).
Note 4: External compensation on ITH pin.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ = 25°C. VIN = 3.3V, RT/SYNC = SVIN unless otherwise specified (Notes 1, 2, 11).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD
Power Good Voltage Windows
TRACK/SS = SVIN, Entering Window
VFB Ramping Up
VFB Ramping
Down
–3
3
–6
6
%
%
TRACK/SS = SVIN, Leaving Window
VFB Ramping Up
VFB Ramping
Down
9
–9
11
–11
%
%
tPGOOD
Power Good Blanking Time
Entering and Leaving Window
70
105
140
μs
RPGOOD
Power Good Pull-Down On-Resistance
8
17
33
Ω
Note 5: Tying the ITH pin to SVIN enables the internal compensation and
AVP mode.
Note 6: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 7: See description of the TRACK/SS pin in the Pin Functions section.
Note 8: In sourcing mode the average output current is flowing out of SW
pin. In sinking mode the average output current is flowing into the SW Pin.
Note 9: See description of the MODE pin in the Pin Functions section.
Note 10: Guaranteed by correlation and design to wafer level
measurements for QFN packages.
Note 11: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, RT/SYNC = SVIN unless otherwise noted.
Efficiency vs Load Current
Burst Mode Operation (VMODE = 0V)
Efficiency vs Load Current
Burst Mode Operation (VMODE = 0V)
Efficiency vs Load Current
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
100
1000
10000
3616 G01
0
10
VIN = 2.5V
VIN = 3.3V
VIN = 5V
VOUT = 1.8V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
100
1000
10000
3616 G02
0
10
VIN = 2.5V
VIN = 3.3V
VIN = 5V
VOUT = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
100
1000
10000
3616 G03
0
10
Burst Mode OPERATION
PULSE-SKIPPING
FORCED CONTINUOUS
VOUT = 1.8V, VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com