Electronic Components Datasheet Search
  English  ▼

X  

LTC3616 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3616
Description  6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3616 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3616 Datasheet HTML 2Page - Linear Technology LTC3616 Datasheet HTML 3Page - Linear Technology LTC3616 Datasheet HTML 4Page - Linear Technology LTC3616 Datasheet HTML 5Page - Linear Technology LTC3616 Datasheet HTML 6Page - Linear Technology LTC3616 Datasheet HTML 7Page - Linear Technology LTC3616 Datasheet HTML 8Page - Linear Technology LTC3616 Datasheet HTML 9Page - Linear Technology LTC3616 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3616
6
3616f
Sinking Current
Internal Start-Up in Forced
Continuous Mode
Tracking Up/Down in
Forced Continuous Mode,
Non DDR Mode
Tracking Up/Down in Forced
Continuous Mode, DDR Pin Tied
to SVIN
Reference Voltage
vs Temperature
Switch On-Resistance
vs Input Voltage
Load Step Transient in Forced
Continuous Mode without AVP Mode
Load Step Transient in Forced
Continuous Mode with AVP Mode
Load Step Transient in Forced
Continuous Mode Sourcing and
Sinking Current
VOUT
1V/DIV
VTRACK/SS
500mV/DIV
PGOOD
2V/DIV
2ms/DIV
3616 G18
VOUT = 0V TO 1.8V
IOUT = 3A, VTRACK/SS = 0V TO 0.7V
VMODE = 1.5V, VDDR = 0V
TEMPERATURE (°C)
–50
0.594
0.596
0.600
0.602
0.604
–10
30
50
130
3612 G20
0.598
–30
10
70
90 110
0.606
INPUT VOLTAGE (V)
2.5
0.05
4.5
3616 G21
0.04
0.02
0.03
0.01
0
3.0
3.5
4.0
5.0
5.5
MAIN SWITCH
SYNCHRONOUS SWITCH
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, RT/SYNC = SVIN unless otherwise noted.
VOUT
200mV/DIV
ILOAD
5A/DIV
100μs/DIV
3616 G13
VOUT = 1.8V
ILOAD = 100mA TO 6A, VMODE = 1.5V
COMPENSATION FIGURE 1
VOUT
200mV/DIV
ILOAD
5A/DIV
100μs/DIV
3616 G14
VOUT = 1.8V
ILOAD = 100mA TO 6A, VMODE = 1.5V
VOUT
200mV/DIV
ILOAD
5A/DIV
100μs/DIV
3616 G15
VOUT = 1.8V
ILOAD = –3A TO 6A, VMODE = 1.5V
COMPENSATION FIGURE 1
VOUT
100mV/DIV
SW
2V/DIV
IL
2A/DIV
1μs/DIV
3616 G16
VOUT = 1.8V
IOUT = –3A, VMODE = 1.5V
IL
2A/DIV
VOUT
500mV/DIV
PGOOD
10V/DIV
RUN
10V/DIV
500μs/DIV
3616 G17
VOUT = 1.8V
IOUT = 0A, VMODE = 1.5V
VOUT
500mV/DIV
VTRACK/SS
200mV/DIV
PGOOD
2V/DIV
2ms/DIV
3616 G19
VOUT = 0V TO 1.2V
IOUT = 3A, VTRACK/SS = 0V TO 0.4V
VMODE = 1.5V, VSRLIM/DDR = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com