Electronic Components Datasheet Search
  English  ▼

X  

LT1630CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1630/LT1631

16301fa
Typical perForMance characTerisTics
Supply Current vs Supply Voltage
Supply Current vs Temperature
Input Bias Current
vs Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
Output Saturation Voltage
vs Load Current (Output High)
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution, VCM = 5V
(NPN Stage)
∆VOS Shift for VCM = 0V to 5V
INPUT OFFSET VOLTAGE (µV)
–500
50
40
30
20
10
0
300
1630/31 G32
–300
–100
100
500
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
–500
50
40
30
20
10
0
300
1630/31 G33
–300
–100
100
500
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (µV)
–500
50
40
30
20
10
0
300
1630/31 G34
–300
–100
100
500
VS = 5V, 0V
TOTAL SUPPLY VOTAGE (V)
0
4
36
1630/31 G01
8
12 16 20 24 28 32
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (°C)
–75
0
1630/31 G02
–50 –25
25
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
50
75
125
100
VS = ±15V
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–2
2
3
4
5
6
1630/31 G03
–1
0
1
600
400
200
0
–200
–400
–600
–800
–1000
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
70
1630/31 G04
–20
10
40
–35
85
–5
25
55
100
VS = 5V, 0V
VCM = 0V
VS = ±15V
VCM = 15V
VS = ±15V
VCM = –15V
VS = 5V, 0V
VCM = 5V
LOAD CURRENT (mA)
0.01
1
10
100
1630/31 G05
0.1
10
1
0.1
0.01
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
LOAD CURRENT (mA)
0.01
1
10
100
1630/31 G06
0.1
10
1
0.1
0.01
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com