Electronic Components Datasheet Search
  English  ▼

X  

LT1630CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology LT1630CS8 Datasheet HTML 16Page - Linear Technology LT1630CS8 Datasheet HTML 17Page - Linear Technology LT1630CS8 Datasheet HTML 18Page - Linear Technology LT1630CS8 Datasheet HTML 19Page - Linear Technology LT1630CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1630/LT1631
0
16301fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0210 REV A • PRINTED IN USA
relaTeD parTs
Typical applicaTion
RF Amplifier Control Biasing and DC Restoration
Taking advantage of the rail-to-rail input and output, and
the large output current capability of the LT1630, the
circuit, shown in Figure 6, provides precise bias currents
for the RF amplifiers and restores DC output level. To
ensure optimum performance of an RF amplifier, its bias
point must be accurate and stable over the operating
temperature range. The op amp A1 combined with Q1,
Q2, R1, R2 and R3 establishes two current sources of
21.5mA to bias RF1 and RF2 amplifiers. The current of
Q1 is determined by the voltage across R2 over R1, which
is replicated in Q2. These current sources are stable and
precise over temperature and have a low dissipated power
due to a low voltage drop between their terminals. The
amplifier A2 is used to restore the DC level at the output.
With a large output current of the LT1630, the output can
be set at 1.5VDC on 5V supply and 50Ω load. This circuit
has a 3dB bandwidth from 2MHz to 2GHz and a power
gain of 25dB.
A1
1/2 LT1630
VOUT
1630/31 F06
5V
5V
HP-MSA0785
HP-MSA0785
R3
10k
L1
220µH
C5
0.01µF
L2
220µH
Q1
2N3906
Q2
2N3906
C6
0.01µF
R5
50
R1
10
R2
453W
R4
10
C3
1500pF
–
+
A2
1/2 LT1630
C4
1500pF
C2
1500pF
C1
0.01µF
VIN
L4
3.9µH
L3
3.9µH
+
+
+
RF1
RF2
Figure 6. RF Amplifier Control Biasing and DC Restoration
PART NUMBER
DESCRIPTON
COMMENTS
LT1211/LT1212
Dual/Quad 14MHz, 7V/µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275µV VOS(MAX),
6µV/°C Max Drift, Max Supply Current 1.8mA per Op Amp
LT1213/LT1214
Dual/Quad 28MHz, 12V/µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275µV VOS(MAX),
6µV/°C Max Drift, Max Supply Current 3.5mA per Op Amp
LT1215/LT1216
Dual/Quad 23MHz, 50V/µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450µV VOS(MAX),
6µV/°C Max Drift, Max Supply Current 6.6mA per Op Amp
LT1498/LT1499
Dual/Quad 10MHz, 6V/µs Rail-to-Rail Input and Output
C-Load™ Op Amps
High DC Accuracy, 475µV VOS(MAX), 4µV/°C Max Drift,
Max Supply Current 2.2mA per Amp
LT1632/LT1633
Dual/Quad 45MHz, 45V/µs Rail-to-Rail Input and Output Op Amps High DC Accuracy, 1.35mV VOS(MAX), 70mA Output Current,
Max Supply Current 5.2mA per Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com