Electronic Components Datasheet Search
  English  ▼

X  

LT1630CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology LT1630CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT1630/LT1631

16301fa
Typical perForMance characTerisTics
0.1Hz to 10Hz Output
Voltage Noise
Gain and Phase vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
CMRR vs Frequency
PSRR vs Frequency
Channel Separation vs Frequency
Minimum Supply Voltage
Noise Voltage Spectrum
Current Noise Spectrum
TOTAL SUPPLY VOLTAGE (V)
1
0
50
100
150
200
2
3
4
5
1630/31 G07
250
300
TA = 125°C
TA = –55°C
TA = 25°C
FREQUENCY (Hz)
1
10
100
1000
11630/31 G09
35
30
25
20
15
10
5
0
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4.25V
NPN ACTIVE
FREQUENCY (Hz)
1
4
5
6
7
8
10
100
1000
1630/31 G10
3
2
1
0
9
10
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4.25V
NPN ACTIVE
TIME (1s/DIV)
1630/31 G25
VS =5V, 0V
VCM = VS/2
FREQUENCY (MHz)
80
70
60
50
40
30
20
10
0
–10
–20
180
135
90
45
0
–45
–90
–135
–180
–225
–270
0.01
1
10
100
1630/31 G11
0.1
PHASE
GAIN
RL = 1k
VS = 3V, 0V
VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
0
5
10
15
20
1630/31 G14
25
50
45
40
35
30
25
20
15
10
5
0
100
90
80
70
60
50
40
30
20
10
0
30
PHASE MARGIN
GAIN BANDWIDTH
VCM = VS/2
FREQUENCY (Hz)
40
60
80
70
100
120
30
50
90
110
1k
100k
1M
10M
1630/31 G12
20
10k
VS = ±15V
VS = 5V, 0V
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
10M
1630/31 G13
10k
VS = ±15V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
1630/31 G15
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com