Electronic Components Datasheet Search
  English  ▼

X  

PAN101B Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. PAN101B Datasheet HTML 10Page - Pixart Imaging Inc. PAN101B Datasheet HTML 11Page - Pixart Imaging Inc. PAN101B Datasheet HTML 12Page - Pixart Imaging Inc. PAN101B Datasheet HTML 13Page - Pixart Imaging Inc. PAN101B Datasheet HTML 14Page - Pixart Imaging Inc. PAN101B Datasheet HTML 15Page - Pixart Imaging Inc. PAN101B Datasheet HTML 16Page - Pixart Imaging Inc. PAN101B Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
7. Serial Interface
The synchronous serial port is used to set and read parameters in the PAN101B, and can be used to read
out the motion information instead of the quadrature data pins.
SCLK: The serial clock line. It is always generated by the host micro-controller.
SDIO: The serial data line used for write and read data.
PD:
A third line is sometimes involved. PD (Power Down pin) is usually used to place the PAN101B
in a low power mode to meet USB suspend specification. PD can also be used to force re-
synchronization between the micro-controller and the PAN101B in case of an error.
7.1 Transmission Protocol
The transmission protocol is a two-wire link, half duplex protocol between the micro-controller and
PAN101B. All data changes on SDIO are initiated by the falling edge on SCLK. The host micro-
controller always initiates communication; the PAN101B never initiates data transfers.
The transmission protocol consists of the two operation modes:
- Write Operation.
- Read Operation.
Both of the two operation modes consist of two bytes. The first byte contains the address (seven bits) and
has a bit7 as its MSB to indicate data direction. The second byte contains the data.
ADDRESS (7 BIT)
DATA (8 BIT)
FIRST BYTE
SECOND BYTE
MSB
LSB
R/W
(1 BIT)
MSB
LSB
7.1.1 Write Operation
A write operation, which means that data is going from the micro-controller to the PAN101B, is always
initiated by the micro-controller and consists of two bytes. The first byte contains the address (seven bits)
and has a “1” as its MSB to indicate data direction. The second byte contains the data. The transfer is
synchronized by SCLK. The micro-controller changes SDIO on falling edges of SCLK. The PAN101B
reads SDIO on rising edges of SCLK.
SDIO driven by Micro-controller
SCLK
SDIO
1
2
345
678
10
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
9
11
12
13
14
15
A6
DON'T
CARE
1
DON'T
CARE
16
7.1.2 Read Operation
A read operation, which means that data is going from the PAN101B to the micro-controller, is always
initiated by the micro-controller and consists of two bytes. The first byte contains the address, is written
by the micro-controller, and has a “0” as its MSB to indicate data direction. The second byte contains the
data and is driven by the PAN101B. The transfer is synchronized by SCLK. SDIO is changed on falling
edges of SCLK and read on every rising edge of SCLK. The micro-controller must go to a high Z state
after the last address data bit. The PAN101B will go to the high Z state after the last data bit.
Figure 12. Transmission Protocol
Figure 13. Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com