Electronic Components Datasheet Search
  English  ▼

X  

PAN101B Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAN101B Datasheet HTML 1Page - Pixart Imaging Inc. PAN101B Datasheet HTML 2Page - Pixart Imaging Inc. PAN101B Datasheet HTML 3Page - Pixart Imaging Inc. PAN101B Datasheet HTML 4Page - Pixart Imaging Inc. PAN101B Datasheet HTML 5Page - Pixart Imaging Inc. PAN101B Datasheet HTML 6Page - Pixart Imaging Inc. PAN101B Datasheet HTML 7Page - Pixart Imaging Inc. PAN101B Datasheet HTML 8Page - Pixart Imaging Inc. PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
2. Block Diagram and Operation
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
SERIAL
INTERFACE
LED
DRIVE
CONTROL REGISTER
SCLK
SDIO
OSCILLATOR
YA
YB
XA
XB
LED
VRB
VRT
PD
VDDD
VSSD
OSCIN
OSCOUT
SERIAL
INTERFACE
QUADRATURE
OUTPUTS
RESONATOR
VOLTAGE
REFERENCE
3V
POWER
VSS_LED
VAY
VSSA
VDDA
The PAN101B is a low cost CMOS-process optical navigation sensor with DSP integration chip that
serves as a non-mechanical motion estimation engine for implementing a computer mouse. It is based on
optical navigation technology, which measures changes in position by optically acquiring sequential
surface images (frames) and mathematically determining the direction and magnitude of movement. The
sensor is in a 20 pin optical package. The output format is two-channel quadrature (X and Y direction),
which emulates encoder phototransistors. The current X and Y information are also available in registers
accessed via a serial port.
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com