Electronic Components Datasheet Search
  English  ▼

X  

PAN101B Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAN101B Datasheet HTML 1Page - Pixart Imaging Inc. PAN101B Datasheet HTML 2Page - Pixart Imaging Inc. PAN101B Datasheet HTML 3Page - Pixart Imaging Inc. PAN101B Datasheet HTML 4Page - Pixart Imaging Inc. PAN101B Datasheet HTML 5Page - Pixart Imaging Inc. PAN101B Datasheet HTML 6Page - Pixart Imaging Inc. PAN101B Datasheet HTML 7Page - Pixart Imaging Inc. PAN101B Datasheet HTML 8Page - Pixart Imaging Inc. PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
1. Pin Description
Pin No.
Name
Type
Definition
1
VSS_LED
GND
LED ground
2
LED
I/O
LED control
3
OSCOUT
OUT
Resonator output
4
OSCIN
IN
Resonator input
5
VSSD
GND
Chip digital ground
6
VSSA
GND
Chip analog ground
7
VDDD
PWR
Chip digital power VDD, 3.0V
8
VDDA
PWR
Chip analog power VDD, 3.0V
9
VRB
BYPASS
Analog voltage reference
10
VRT
BYPASS
Analog voltage reference
11
VAY
BYPASS
Analog voltage reference
Open-drain OUT (PAN101BOI)
12
XA
CMOS OUT (PAN101BSI)
XA quadrature output
13
NC
-
No connection
Open-drain OUT (PAN101BOI)
14
XB
CMOS OUT (PAN101BSI)
XB quadrature output
Open-drain OUT (PAN101BOI)
15
YA
CMOS OUT (PAN101BSI)
YA quadrature output
16
NC
-
No connection
Open-drain OUT (PAN101BOI)
17
YB
CMOS OUT (PAN101BSI)
YB quadrature output
18
SCLK
IN
Serial interface clock
Open-drain I/O (PAN101BOI)
19
SDIO
CMOS I/O (PAN101BSI)
Serial interface bi-direction data
20
PD
IN
Power down pin, active high
1
11
10
20
Figure 1. Top View Pinout
1
11
10
20
LB
RB
+ X
+ Y
Figure 2. Top View of Mouse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com