Electronic Components Datasheet Search
  English  ▼

X  

PAN101B Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN101B Datasheet HTML 1Page - Pixart Imaging Inc. PAN101B Datasheet HTML 2Page - Pixart Imaging Inc. PAN101B Datasheet HTML 3Page - Pixart Imaging Inc. PAN101B Datasheet HTML 4Page - Pixart Imaging Inc. PAN101B Datasheet HTML 5Page - Pixart Imaging Inc. PAN101B Datasheet HTML 6Page - Pixart Imaging Inc. PAN101B Datasheet HTML 7Page - Pixart Imaging Inc. PAN101B Datasheet HTML 8Page - Pixart Imaging Inc. PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
3. Registers and Operation
The PAN101B can be programmed through registers, via the serial port, and DSP configuration and
motion data can be read from these registers. All registers not listed are reserved, and should never be
written by firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID
R
0x02
Eight bits number with the product identifier.
0x01
Reserved
-
-
Reserved for future.
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number.
0x04
Delta_Y
R
-
Eight bits 2’s complement number.
0x05
Operation_Mode
R/W
-
Bit field
3.2 Register descriptions
0x00
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Usage
The value in this register can not change, it can be used to verify that the serial communications link
is OK.
0x01
Reserved
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Usage
Reserved for future



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com