Electronic Components Datasheet Search
  English  ▼

X  

PAW3602DH Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAW3602DH Datasheet HTML 1Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 2Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 3Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 4Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 5Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 6Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 7Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 8Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PAW3602DH
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
Ordering Information
Order number
I/O
Resolution
PAW3602DH
CMOS output
800/1600 cpi
PAW3602DH CMOS LASER MOUSE SENSOR
General Description
PAW3602DH is a CMOS laser mouse sensor with DSP integration chip that serves as a non-mechanical motion
estimation engine for implementing a computer mouse.
Key Specification
Power Supply
4.25V ~ 5.5V (VDD)
3.0V~3.6V (VDDD, VDDA)
System Clock
27 MHz
Speed
28+ inches/sec
Acceleration
20g
Resolution
800/1600cpi
Frame Rate
6600 frames/sec
Operating
Current
(Sensor + LD)
17 mA @Mouse moving (Normal)
5 mA
@Mouse not moving (Sleep)
200 uA @Shutdown mode
Package
Shrunk DIP20
Features
Single power supply
Precise laser motion estimation technology
Complete 2-D motion sensor
No mechanical parts
Accurate motion estimation over most of
surfaces
High speed motion detection up to 28
inches/sec and acceleration can be up to 20g
High resolution up to 1600cpi
Power down pin and register setting for low
power dissipation
Power saving mode during times of no
movement
Serial Interface for programming and data
transfer
Low power for wireless application
Eye safety protection circuit


Similar Part No. - PAW3602DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3602DH-NF PIXART-PAW3602DH-NF Datasheet
732Kb / 33P
CMOS LASER MOUSE SENSOR
More results

Similar Description - PAW3602DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3602DH-NF PIXART-PAW3602DH-NF Datasheet
732Kb / 33P
CMOS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
Low Power Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
Laser Mouse Sensor
ADNK-6090 AVAGO-ADNK-6090 Datasheet
104Kb / 1P
Gaming Laser Mouse Sensor
ADNK-7010 AVAGO-ADNK-7010 Datasheet
103Kb / 1P
Gaming Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
Laser Mouse Sensor
ADNK-6090 BOARDCOM-ADNK-6090 Datasheet
104Kb / 1P
Gaming Laser Mouse Sensor
ADNK-7010 BOARDCOM-ADNK-7010 Datasheet
103Kb / 1P
Gaming Laser Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com