Electronic Components Datasheet Search
  English  ▼

X  

PAW3602DH Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAW3602DH Datasheet HTML 1Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 2Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 3Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 4Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 5Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 6Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 7Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 8Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PixArt Imaging Inc.
PAW3602DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
2. Block Diagram and Operation
Figure 3. Block Diagram
The PAW3602DH is a high performance CMOS laser mouse sensor with DSP integration chip that serves as a non-
mechanical motion estimation engine for implementing a computer mouse. It is based on new laser speckle
navigation technology. In the laser mouse, it uses laser diode (LD), specially uses VCSEL (Vertical Cavity Surface
Emitting Laser) as light source, where laser is one kind of coherent light. When this light illuminates on the working
surface, the surface will reflect and diffuse the incident light and generates speckle pattern. The imaging sensor in the
laser mouse chip detects the speckle pattern that generated from the working surface and determines the movement
and direction. Since the speckle pattern can be generated on the most of the surface if this surface is not perfect
smooth or transparent, the laser mouse can adapt on more surfaces as compared with traditional LED-based optical
mouse.
The PAW3602DH has an extra function, eye safety protection circuit. The embedded eye safety protection
circuit will detect if LD_P pin is short to power, if LD_N pin is short to ground, or if LD_RES pin is short to
ground to be a large LD power. And this will protect users from eye injured for large LD power. This mouse
sensor is in a 20-pin optical package. The output format is two-channel quadrature (X and Y direction), which
emulates encoder phototransistors. The current X and Y information are also available in registers accessed via a
serial port. The word "mouse sensor," instead of PAW3602DH, is used in the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com