Electronic Components Datasheet Search
  English  ▼

X  

PAW3602DH Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAW3602DH Datasheet HTML 19Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 20Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 21Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 22Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 23Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 24Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 25Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 26Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PixArt Imaging Inc.
PAW3602DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
9. PCB Layout Consideration
1. Caps for pins 5, 8, 9 MUST have trace lengths LESS than 5mm.
2. The trace lengths of OSCOUT, OSCIN must less than 6mm.
10. Z and 2D Assembly
Lens
Unit: mm
SURFACE IS 0 REF.
BASE PLATE ALIGNMENT POST
SENSOR
PCB
BASE PLATE
-- Top View --
-- Side View --
Lens/Package Alignment Line
LD
+Y
+X
Figure 20. 2D Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com