Electronic Components Datasheet Search
  English  ▼

X  

PAW3602DH Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAW3602DH Datasheet HTML 1Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 2Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 3Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 4Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 5Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 6Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 7Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 8Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PixArt Imaging Inc.
PAW3602DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
3. Registers and Operation
The mouse sensor can be programmed through registers, via the serial port, and DSP configuration and
motion data can be read from these registers. All registers not listed are reserved, and should never be written
by firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID
R
0x30
Eight bits [11:4] number with the product identifier
0x01
Product_ID
R
0x3N
Four bits [3:0] number with the product identifier
Reserved [3:0] number is reserved for further
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Delta_Y
R
-
Eight bits 2’s complement number
0x05
Operation_Mode
R/W
-
Bit field
0x06
Configuration
R/W
-
Bit field
0x07
Image_Quality
R
-
Bit field
3.2 Register Descriptions
0x00
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[11:4]
Usage
The value in this register can’t change. It can be used to verify that the serial communications link is
OK.
0x01
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[3:0]
Reserved [3:0]
Usage
The value in this register can’t change. PID[3:0] can be used to verify that the serial
communications link is OK. Reserved[3:0] is a value between 0x0 and 0xF, it can’t be used to verify
that the serial communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com