Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
101
February 1, 2010
· 16-bit Standard TM Register List - HT66F40/HT66F50/HT66F60
¨ TM2C0 Register - 16-bit STM
Bit
76543210
Name
T2PAU
T2CK2
T2CK1
T2CK0
T2ON
¾¾¾
R/W
R/W
R/W
R/W
R/W
R/W
¾¾¾
POR
00000
¾¾¾
Bit 7
T2PAU: TM2 Counter Pause Control
0: Run
1: Pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T2CK2, T2CK1, T2CK0: Select TM2 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Reserved
110: TCK2 rising edge clock
111: TCK2 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved clock
input will effectively disable the internal counter. The external pin clock source can be chosen to
be active on the rising or falling edge. The clock source fSYS is the system clock, while fH and
fTBC are other internal clocks, the details of which can be found in the oscillator section.
Bit 3
T2ON: TM2 Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the counter to
run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter from counting
and turn off the TM which will reduce its power consumption. When the bit changes state from
low to high the internal counter value will be reset to zero, however when the bit changes from
high to low, the internal counter will retain its residual value until the bit returns high again.
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its initial
condition, as specified by the T2OC bit, when the T2ON bit changes from low to high.
Bit 2~0
Unimplemented, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com