Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
102
February 1, 2010
¨ TM2C1 Register - 16-bit STM
Bit
76543210
Name
T2M1
T2M0
T2IO1
T2IO0
T2OC
T2POL
T2DPX
T2CCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~6
T2M1~T2M0: Select TM2 Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter Mode
These bits setup the required operating mode for the TM. To ensure reliable operation the TM
should be switched off before any changes are made to the T2M1 and T2M0 bits. In the
Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T2IO1~T2IO0: Select TP2_0, TP2_1 output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/ Single Pulse Output Mode
00: Force inactive state
01: Force active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP2_0, TP2_1
01: Input capture at falling edge of TP2_0, TP2_1
10: Input capture at falling/rising edge of TP2_0, TP2_1
11: Input capture disabled
Timer/counter Mode:
Unused
These two bits are used to determine how the TM output pin changes state when a certain
condition is reached. The function that these bits select depends upon in which mode the TM
is running.
In the Compare Match Output Mode, the T2IO1 and T2IO0 bits determine how the TM output
pin changes state when a compare match occurs from the Comparator A. The TM output pin can
be setup to switch high, switch low or to toggle its present state when a compare match occurs
from the Comparator A. When the bits are both zero, then no change will take place on the
output. The initial value of the TM output pin should be setup using the T2OC bit in the TM2C1
register. Note that the output level requested by the T2IO1 and T2IO0 bits must be different from
the initial value setup using the T2OC bit otherwise no change will occur on the TM output pin
when a compare match occurs. After the TM output pin changes state it can be reset to its initial
level by changing the level of the T2ON bit from low to high.
Bit 3
T2OC: TP2_0, TP2_1 Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon whether TM is
being used in the Compare Match Output Mode or in the PWM Mode/ Single Pulse Output Mode.
It has no effect if the TM is in the Timer/Counter Mode. In the Compare Match Output Mode it
determines the logic level of the TM output pin before a compare match occurs. In the PWM
Mode it determines if the PWM signal is active high or active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com