Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
104
February 1, 2010
¨ TM2AH Register - 16-bit STM
Bit
76543210
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM2AH: TM2 CCRA High Byte Register bit 7~bit 0
TM2 16-bit CCRA bit 15~bit 8
¨ TM2RP Register - 16-bit STM
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM2RP: TM2 CCRP Register bit 7 ~ bit 0
TM2 CCRP 8-bit register, compared with the TM2 Counter bit 15 ~ bit 8. Comparator P Match
Period
0: 65536 TM2 clocks
1~255: 256 x (1~255) TM2 clocks
These eight bits are used to setup the value on the internal CCRP 8-bit register, which are then
compared with the internal counter's highest eight bits. The result of this comparison can be
selected to clear the internal counter if the T2CCLR bit is set to zero. Setting the T2CCLR bit to
zero ensures that a compare match with the CCRP values will reset the internal counter. As the
CCRP bits are only compared with the highest eight counter bits, the compare values exist in 256
clock cycle multiples. Clearing all eight bits to zero is in effect allowing the counter to overflow at
its maximum value.
Standard Type TM Operating Modes
The Standard Type TM can operate in one of five oper-
ating modes, Compare Match Output Mode, PWM Out-
put Mode, Single Pulse Output Mode, Capture Input
Mode or Timer/Counter Mode. The operating mode is
selected using the TnM1 and TnM0 bits in the TMnC1
register.
Compare Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1
register, should be set to 00 respectively. In this mode
once the counter is enabled and running it can be
cleared by three methods. These are a counter over-
flow, a compare match from Comparator A and a com-
pare match from Comparator P. When the TnCCLR bit is
low, there are two ways in which the counter can be
cleared. One is when a compare match from Compara-
tor P, the other is when the CCRP bits are all zero which
allows the counter to overflow. Here both TnAF and
TnPF interrupt request flags for Comparator A and Com-
parator P respectively, will both be generated.
If the TnCCLR bit in the TMnC1 register is high then the
counter will be cleared when a compare match occurs
from Comparator A. However, here only the TnAF inter-
rupt request flag will be generated even if the value of
the CCRP bits is less than that of the CCRA registers.
Therefore when TnCCLR is high no TnPF interrupt re-
quest flag will be generated. In the Compare Match Out-
put Mode, the CCRA can not be set to
²0².
As the name of the mode suggests, after a comparison
is made, the TM output pin, will change state. The TM
output pin condition however only changes state when
an TnAF interrupt request flag is generated after a com-
pare match occurs from Comparator A. The TnPF inter-
rupt request flag, generated from a compare match
occurs from Comparator P, will have no effect on the TM
output pin. The way in which the TM output pin changes
state are determined by the condition of the TnIO1 and
TnIO0 bits in the TMnC1 register. The TM output pin can
be selected using the TnIO1 and TnIO0 bits to go high,
to go low or to toggle from its present condition when a
compare match occurs from Comparator A. The initial
condition of the TM output pin, which is setup after the
TnON bit changes from low to high, is setup using the
TnOC bit. Note that if the TnIO1 and TnIO0 bits are zero
then no pin change will take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com