Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
111
February 1, 2010
Enhanced Type TM - ETM
The Enhanced Type TM contains five operating modes, which are Compare Match Output, Timer/Event Counter, Cap-
ture Input, Single Pulse Output and PWM Output modes. The Enhanced TM can also be controlled with an external in-
put pin and can drive three or four external output pins.
CTM
Name
TM No.
TM Input Pin
TM Output Pin
HT66F20
¾¾
¾
¾
HT66F30
10-bit ETM
1
TCK1
TP1A; TP1B_0, TP1B_1
HT66F40
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
HT66F50
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
HT66F60
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
C C R P
C C R A
T n C C L R
C o m p a r a t o r P M a t c h
C o m p a r a t o r A M a t c h
T n C K 2 ~ T n C K 0
T n O N
T n P A U
b 7 ~ b 9
3 - b i t C o m p a r a t o r P
1 0 - b i t
C o m p a r a t o r A
C o u n t e r
C l e a r
1 0 - b i t U p / D o w n C o u n t e r
T n P F I n t e r r u p t
T n A F
I n t e r r u p t
T P n A P i n
I n p u t / O u t p u t
b 0 ~ b 9
E d g e
D e t e c t o r
T n A I O 1 , T n A I O 0
T n A M 1 , T n A M 0
T n A I O 1 , T n A I O 0
T n A P O L
T n A O C
P o l a r i t y
C o n t r o l
O u t p u t
C o n t r o l
T P n A
T C K n
1 1 1
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
f S Y S / 4
f S Y S
f H / 1 6
f H / 6 4
f T B C
R e s e r v e d
T n B F
I n t e r r u p t
T P n B P i n
I n p u t / O u t p u t
T n B M 1 , T n B M 0
T n B I O 1 , T n B I O 0
T n B P O L
T n B O C
P o l a r i t y
C o n t r o l
O u t p u t
C o n t r o l
C C R B
C o m p a r a t o r B M a t c h
1 0 - b i t
C o m p a r a t o r B
E d g e
D e t e c t o r
T n I O 1 , T n I O 0
T P n B - 0
T P n B - 1
T P n B - 2
0
1
Enhanced Type TM Block Diagram
Enhanced TM Operation
At its core is a 10-bit count-up/count-down counter
which is driven by a user selectable internal or external
clock source. There are three internal comparators with
the names, Comparator A, Comparator B and Com-
parator P. These comparators will compare the value in
the counter with the CCRA, CCRB and CCRP registers.
The CCRP comparator is 3-bits wide whose value is
compared with the highest 3-bits in the counter while
CCRA and CCRB are 10-bits wide and therefore com-
pared with all counter bits.
The only way of changing the value of the 10-bit counter
using the application program, is to clear the counter by
changing the TnON bit from low to high. The counter will
also be cleared automatically by a counter overflow or a
compare match with one of its associated comparators.
When these conditions occur, a TM interrupt signal will
also usually be generated. The Enhanced Type TM can
operate in a number of different operational modes, can
be driven by different clock sources including an input
pin and can also control output pins. All operating setup
conditions are selected using relevant internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com