Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
113
February 1, 2010
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its initial
condition, as specified by the T1OC bit, when the T1ON bit changes from low to high.
Bit 2~0
T1RP2~T1RP0: TM1 CCRP 3-bit register, compared with the TM1 Counter bit 9~bit 7
Comparator P Match Period
000: 1024 TM1 clocks
001: 128 TM1 clocks
010: 256 TM1 clocks
011: 384 TM1 clocks
100: 512 TM1 clocks
101: 640 TM1 clocks
110: 768 TM1 clocks
111: 896 TM1 clocks
These three bits are used to setup the value on the internal CCRP 3-bit register, which are then
compared with the internal counter
¢s highest three bits. The result of this comparison can be
selected to clear the internal counter if the T1CCLR bit is set to zero. Setting the T1CCLR bit to
zero ensures that a compare match with the CCRP values will reset the internal counter. As the
CCRP bits are only compared with the highest three counter bits, the compare values exist in 128
clock cycle multiples. Clearing all three bits to zero is in effect allowing the counter to overflow at
its maximum value.
¨ TM1C1 Register - 10-bit ETM
Bit
76543210
Name
T1AM1
T1AM0
T1AIO1
T1AIO0
T1AOC
T1APOL
T1CDN
T1CCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
00000000
Bit 7~6
T1AM1~T1AM0: Select TM1 CCRA Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter Mode
These bits setup the required operating mode for the TM. To ensure reliable operation the TM
should be switched off before any changes are made to the T1AM1 and T1AM0 bits. In the
Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T1AIO1~T1AIO0: Select TP1A output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/ Single Pulse Output Mode
00: Force inactive state
01: Force active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP1A
01: Input capture at falling edge of TP1A
10: Input capture at falling/rising edge of TP1A
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a certain
condition is reached. The function that these bits select depends upon in which mode the TM is
running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com