Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 117Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
115
February 1, 2010
¨ TM1C2 Register - 10-bit ETM
Bit
76543210
Name
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL
T1PWM1
T1PWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
00000000
Bit 7~6
T1BM1~T1BM0: Select TM1 CCRB Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter mode
These bits setup the required operating mode for the TM. To ensure reliable operation the TM
should be switched off before any changes are made to the T1BM1 and T1BM0 bits. In the
Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T1BIO1~T1BIO0: Select TP1B_0, TP1B_1, TP1B_2 output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/Single Pulse Output Mode
00: Force inactive state
01: Force active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP1B_0, TP1B_1, TP1B_2
01: Input capture at falling edge of TP1B_0, TP1B_1, TP1B_2
10: Input capture at falling/rising edge of TP1B_0, TP1B_1, TP1B_2
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a certain
condition is reached. The function that these bits select depends upon in which mode the
TM is running.
In the Compare Match Output Mode, the T1BIO1 and T1BIO0 bits determine how the TM
output pin changes state when a compare match occurs from the Comparator A. The TM output
pin can be setup to switch high, switch low or to toggle its present state when a compare match
occurs from the Comparator A. When the bits are both zero, then no change will take place on
the output. The initial value of the TM output pin should be setup using the T1BOC bit in the
TM1C2 register. Note that the output level requested by the T1BIO1 and T1BIO0 bits must be
different from the initial value setup using the T1BOC bit otherwise no change will occur on the
TM output pin when a compare match occurs. After the TM output pin changes state it can be
reset to its initial level by changing the level of the T1ON bit from low to high.
Bit 3
T1BOC: TP1B_0, TP1B_1, TP1B_2 Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon whether TM is
being used in the Compare Match Output Mode or in the PWM Mode/ Single Pulse Output Mode.
It has no effect if the TM is in the Timer/Counter Mode. In the Compare Match Output Mode it
determines the logic level of the TM output pin before a compare match occurs. In the PWM
Mode it determines if the PWM signal is active high or active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com