Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 143 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 143 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 147Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
143
February 1, 2010
· CP1C Register
Bit
76543210
Name
C1SEL
C1EN
C1POL
C1OUT
C1OS
¾¾
C1HYEN
R/W
R/W
R/W
R/W
R
R/W
¾¾
R/W
POR
10000
¾¾
1
Bit 7
C1SEL: Select Comparator pins or I/O pins
0: I/O pin select
1: Comparator pin select
This is the Comparator pin or I/O pin select bit. If the bit is high the comparator will be selected
and the two comparator input pins will be enabled. As a result, these two pins will lose their I/O
pin functions. Any pull-high configuration options associated with the comparator shared pins will
also be automatically disconnected.
Bit 6
C1EN: Comparator On/Off control
0: Off
1: On
This is the Comparator on/off control bit. If the bit is zero the comparator will be switched off
and no power consumed even if analog voltages are applied to its inputs. For power sensitive
applications this bit should be cleared to zero if the comparator is not used or before the device
enters the SLEEP or IDLE mode.
Bit 5
C1POL: Comparator output polarity
0: output not inverted
1: output inverted
This is the comparator polarity bit. If the bit is zero then the C1OUT bit will reflect the
non-inverted output condition of the comparator. If the bit is high the comparator C1OUT bit will
be inverted.
Bit 4
C1OUT: Comparator output bit
C1POL=0
0: C1+ < C1-
1: C1+ > C1-
C1POL=1
0: C1+ > C1-
1: C1+ < C1-
This bit stores the comparator output bit. The polarity of the bit is determined by the voltages
on the comparator inputs and by the condition of the C1POL bit.
Bit 3
C1OS: Output path select
0: C1X pin
1: Internal use
This is the comparator output path select control bit. If the bit is set to
²0² and the C1SEL bit is
²1² the comparator output is connected to an external C1X pin. If the bit is set to ²1² or the
C1SEL bit is
²0² the comparator output signal is only used internally by the device allowing the
shared comparator output pin to retain its normal I/O operation.
Bit 2~1
unimplemented, read as
²0²
Bit 0
C1HYEN: Hysteresis Control
0: Off
1: On
This is the hysteresis control bit and if set high will apply a limited amount of hysteresis to the
comparator, as specified in the Comparator Electrical Characteristics table. The positive feedback
induced by hysteresis reduces the effect of spurious switching near the comparator threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com