Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 147 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 147 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 151Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
147
February 1, 2010
· SIMC2 Register
Bit
76543210
Name
D7
D6
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~6
Undefined bit
This bit can be read or written by user software program.
Bit 5
CKPOLB: Determines the base condition of the clock line
0: the SCK line will be high when the clock is inactive
1: the SCK line will be low when the clock is inactive
The CKPOLB bit determines the base condition of the clock line, if the bit is high, then the SCK
line will be low when the clock is inactive. When the CKPOLB bit is low, then the SCK line will be
high when the clock is inactive.
Bit 4
CKEG: Determines SPI SCK active clock edge type
CKPOLB=0
0: SCK is high base level and data capture at SCK rising edge
1: SCK is high base level and data capture at SCK falling edge
CKPOLB=1
0: SCK is low base level and data capture at SCK falling edge
1: SCK is low base level and data capture at SCK rising edge
The CKEG and CKPOLB bits are used to setup the way that the clock signal outputs and
inputs data on the SPI bus. These two bits must be configured before data transfer is executed
otherwise an erroneous clock edge may be generated. The CKPOLB bit determines the base
condition of the clock line, if the bit is high, then the SCK line will be low when the clock is
inactive. When the CKPOLB bit is low, then the SCK line will be high when the clock is inactive.
The CKEG bit determines active clock edge type which depends upon the condition of CKPOLB
bit.
Bit 3
MLS: SPI Data shift order
0: LSB
1: MSB
This is the data shift select bit and is used to select how the data is transferred, either MSB or
LSB first. Setting the bit high will select MSB first and low for LSB first.
Bit 2
CSEN: SPI SCS pin Control
0: Disable
1: Enable
The CSEN bit is used as an enable/disable for the SCS pin. If this bit is low, then the SCS
pin will be disabled and placed into a floating condition. If the bit is high the SCS pin will be
enabled and used as a select pin.
Note that using the CSEN bit can be disabled or enabled via configuration option.
Bit 1
WCOL: SPI Write Collision flag
0: No collision
1: Collision
The WCOL flag is used to detect if a data collision has occurred. If this bit is high it means that
data has been attempted to be written to the SIMD register during a data transfer operation. This
writing operation will be ignored if data is being transferred. The bit can be cleared by the
application program. Note that using the WCOL bit can be disabled or enabled via configuration
option.
Bit 0
TRF: SPI Transmit/Receive Complete flag
0: Data is being transferred
1: SPI data transmission is completed
The TRF bit is the Transmit/Receive Complete flag and is set
²1² automatically when an SPI
data transmission is completed, but must set to
²0² by the application program. It can be used to
generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com