Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
146
February 1, 2010
There are also two control registers for the SPI interface, SIMC0 and SIMC2. Note that the SIMC2 register also has
the name SIMA which is used by the I
2C function. The SIMC1 register is not used by the SPI function, only by the I2C
function. Register SIMC0 is used to control the enable/disable function and to set the data transmission clock fre-
quency. Although not connected with the SPI function, the SIMC0 register is also used to control the Peripheral Clock
Prescaler. Register SIMC2 is used for other control functions such as LSB/MSB selection, write collision flag etc.
· SIMC0 Register
Bit
76543210
Name
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
¾
POR
1110000
¾
Bit 7~5
SIM2, SIM1, SIM0: SIM Operating Mode Control
000: SPI master mode; SPI clock is fSYS/4
001: SPI master mode; SPI clock is fSYS/16
010: SPI master mode; SPI clock is fSYS/64
011: SPI master mode; SPI clock is fTBC
100: SPI master mode; SPI clock is TM0 CCRP match frequency/2
101: SPI slave mode
110: I
2C slave mode
111: Unused mode
These bits setup the overall operating mode of the SIM function. As well as selecting if the I
2C
or SPI function, they are used to control the SPI Master/Slave selection and the SPI Master clock
frequency. The SPI clock is a function of the system clock but can also be chosen to be sourced
from the TM0. If the SPI Slave Mode is selected then the clock will be supplied by an external
Master device.
Bit 4
PCKEN: PCK Output Pin Control
0: Disable
1: Enable
Bit 3~2
PCKP1, PCKP0: Select PCK output pin frequency
00: fSYS
01: fSYS/4
10: fSYS/8
11: TM0 CCRP match frequency/2
Bit 1
SIMEN: SIM Control
0: Disable
1: Enable
The bit is the overall on/off control for the SIM interface. When the SIMEN bit is cleared to zero
to disable the SIM interface, the SDI, SDO, SCK and SCS, or SDA and SCL lines will be in a
floating condition and the SIM operating current will be reduced to a minimum value. When the bit
is high the SIM interface is enabled. The SIM configuration option must have first enabled the
SIM interface for this bit to be effective. If the SIM is configured to operate as an SPI interface via
the SIM2~SIM0 bits, the contents of the SPI control registers will remain at the previous settings
when the SIMEN bit changes from low to high and should therefore be first initialised by the
application program. If the SIM is configured to operate as an I
2C interface via the SIM2~SIM0
bits and the SIMEN bit changes from low to high, the contents of the I
2C control bits such as HTX
and TXAK will remain at the previous settings and should therefore be first initialised by the
application program while the relevant I
2C flags such as HCF, HAAS, HBB, SRW and RXAK will
be set to their default states.
Bit 0
unimplemented, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com