Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 135 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 135 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 139Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
135
February 1, 2010
· ADCR1 Register
Bit
76543210
Name
ACS4
V125EN
¾
VREFS
¾
ADCK2
ADCK1
ADCK0
R/W
R/W
R/W
¾
R/W
¾
R/W
R/W
R/W
POR
0
0
¾
0
¾
000
Bit 7
ACS4: Selecte Internal 1.25V as ADC input Control
0: Disable
1: Enable
This bit enables 1.25V to be connected to the A/D converter. The V125EN bit must first have
been set to enable the bandgap circuit 1.25V voltage to be used by the A/D converter. When the
ACS4 bit is set high, the bandgap 1.25V voltage will be routed to the A/D converter and the other
A/D input channels disconnected.
Bit 6
V125EN: Internal 1.25V Control
0: Disable
1: Enable
This bit controls the internal Bandgap circuit on/off function to the A/D converter. When the bit
is set high the bandgap voltage 1.25V can be used by the A/D converter. If 1.25V is not used by
the A/D converter and the LVR/LVD function is disabled then the bandgap reference circuit will be
automatically switched off to conserve power. When 1.25V is switched on for use by the A/D
converter, a time tBG should be allowed for the bandgap circuit to stabilise before implementing
an A/D conversion.
Bit 5
unimplemented, read as
²0²
Bit 4
VREFS: Selecte ADC reference voltage
0: Internal ADC power
1: VREF pin
This bit is used to select the reference voltage for the A/D converter. If the bit is high, then the
A/D converter reference voltage is supplied on the external VREF pin. If the pin is low, then the
internal reference is used which is taken from the power supply pin VDD.
Bit 3
unimplemented, read as
²0²
Bit 2~0
ADCK2, ADCK1, ADCK0: Select ADC clock source
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: Undefined
These three bits are used to select the clock source for the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com