Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 142Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
138
February 1, 2010
pin as an input in the PAC, PEC or PFC port control reg-
ister to enable the A/D input as when the ACE11~ ACE0
bits enable an A/D input, the status of the port control
register will be overridden.
The A/D converter has its own reference voltage pin,
VREF, however the reference voltage can also be sup-
plied from the power supply pin, a choice which is made
through the VREFS bit in the ADCR1 register. The ana-
log input values must not be allowed to exceed the value
of VREF.
Summary of A/D Conversion Steps
The following summarises the individual steps that
should be executed in order to implement an A/D con-
version process.
· Step 1
Select the required A/D conversion clock by correctly
programming bits ADCK2~ADCK0 in the ADCR1 reg-
ister.
· Step 2
Enable the A/D by clearing the ADOFF bit in the
ADCR0 register to zero.
· Step 3
Select which channel is to be connected to the internal
A/D converter by correctly programming the
ACS4~ACS0 bits which are also contained in the
ADCR1 and ADCR0 register.
· Step 4
Select which pins are to be used as A/D inputs and
configure them by correctly programming the
ACE11~ACE0 bits in the ACERH and ACERL
registers.
· Step 5
If the interrupts are to be used, the interrupt control
registers must be correctly configured to ensure the
A/D converter interrupt function is active. The master
interrupt control bit, EMI, and the A/D converter inter-
rupt bit, EADI, must both be set high to do this.
· Step 6
The analog to digital conversion process can now be
initialised by setting the START bit in the ADCR regis-
ter from low to high and then low again. Note that this
bit should have been originally cleared to zero.
· Step 7
To check when the analog to digital conversion pro-
cess is complete, the EOCB bit in the ADCR0 register
can be polled. The conversion process is complete
when this bit goes low. When this occurs the A/D data
registers ADRL and ADRH can be read to obtain the
conversion value. As an alternative method, if the in-
terrupts are enabled and the stack is not full, the pro-
gram can wait for an A/D interrupt to occur.
Note: When checking for the end of the conversion
process, if the method of polling the EOCB bit in the
ADCR0 register is used, the interrupt enable step
above can be omitted.
t A D C
A / D c o n v e r s i o n t i m e
0 0 0 1 1 B
0 0 0 1 0 B
S T A R T
E O C B
A C S 4 ~ A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e p o r t c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D S
0 0 0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 0 0 0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
E n d o f A / D
c o n v e r s i o n
A / D s a m p l i n g t i m e
t A D S
o f f
o n
o n
t O N 2 S T
t A D C
A / D c o n v e r s i o n t i m e
o f f
A D O F F
A D C M o d u l e
O N
A/D Conversion Timing
P A 0 / A N 0
P F 1 / A N 1 1
1 . 2 5 V
V 1 2 5 E N
B u f f e r
P B 5 / V R E F
V D D
V R E F S
V R E F
1 2 - b i t A D C
B a n d g a p
R e f e r e n c e
V o l t a g e
I n p u t V o l t a g e
A C S 4 ~ A C S 0
A/D Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com