Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 175 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 175 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 179Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
175
February 1, 2010
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their clock sources origi-
nate from the internal clock source fTB. This fTB input clock passes through a divider, the division ratio of which is se-
lected by programming the appropriate bits in the TBC register to obtain longer interrupt periods whose value ranges.
The clock source that generates fTB, which in turn controls the Time Base interrupt period, can originate from several
different sources, as shown in the System Operating Mode section.
· TBC Register
Bit
76543210
Name
TBON
TBCK
TB11
TB10
LXTLP
TB02
TB01
TB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00110111
Bit 7
TBON: TB0 and TB1 Control
0: Disable
1: Enable
Bit 6
TBCK: Select fTB Clock
0: fTBC
1: fSYS/4
Bit 5~4
TB11~TB10: Select Time Base 1 Time-out Period
00: 4096/fTB
01: 8192/fTB
10: 16384/fTB
11: 32768/fTB
Bit 3
LXTLP: LXT Low Power Control
0: Disable
1: Enable
Bit 2~0
TB02~TB00: Select Time Base 0 Time-out Period
000: 256/fTB
001: 512/fTB
010: 1024/fTB
011: 2048/fTB
100: 4096/fTB
101: 8192/fTB
110: 16384/fTB
111: 32768/fTB
M
U
X
M
U
X
L X T
L I R C
f S Y S / 4
¸ 2 ~ 2
8
1 5
¸ 2 ~ 2
1 2
1 5
T B 1 1 ~ T B 1 0
T i m e B a s e 0 I n t e r r u p t
T i m e B a s e 1 I n t e r r u p t
C o n f i g u r a t i o n
O p t i o n
T B C K B i t
T B 0 2 ~ T B 0 0
f T B
f T B C
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com